Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2KK5014 Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza 2KK5014
Descripción Electrónicos  N-Channel Enhancement MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2KK5014 Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  2KK5014 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2KK5014 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2KK5014 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 2KK5014 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd 2KK5014 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMD Type
www.kexin.com.cn
3
MOSFET
N-Channel Enhancement MOSFET
Typical Characterisitics
Figure 1.
0
1
23
45
0
3
6
9
12
V
GS = 10 V
V
DS, DRAIN TO SOURCE VOLTAGE (V)
V
GS = 5 V
V
GS = 6 V
V
GS = 5.5 V
PULSE DURATION = 80 s
DUTY CYCLE = 0.5% MAX
On Region Characteristics
Figure 2.
036
9
12
0
1
2
3
4
V
GS = 10 V
V
GS = 5.5 V
PULSE DURATION = 80 s
DUTY CYCLE = 0.5% MAX
ID, DRAIN CURRENT (A)
V
GS = 6 V
V
GS = 5 V
Normalized On-Resistance
vs Drain Current and Gate Voltage
Figure 3. Normalized On Resistance
-75
-50
-25
0
25
50
75
100
125
150
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
ID = 2.8 A
VGS = 10 V
TJ, JUNCTION TEMPERATURE (
oC
)
vs Junction Temperature
Figure 4.
45
67
8
9
10
0
100
200
300
400
500
TJ = 125 oC
ID = 2.8 A
TJ =25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80 s
DUTY CYCLE = 0.5% MAX
On-Resistance vs Gate to
Source Voltage
Figure 5. Transfer Characteristics
23
45
6
7
0
3
6
9
12
TJ = 150 oC
VDS = 5 V
PULSE DURATION = 80 s
DUTY CYCLE = 0.5% MAX
TJ = -55 oC
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
20
TJ = -55 oC
TJ = 25 oC
TJ = 150 oC
VGS = 0 V
VSD, BODY DIODE FORWARD VOLTAGE (V)
Source to Drain Diode
Forward Voltage vs Source Current



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com