Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

WSB5552TH Datasheet(PDF) 2 Page - Will Semiconductor Ltd.

No. de pieza WSB5552TH
Descripción Electrónicos  Power Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WILLSEMI [Will Semiconductor Ltd.]
Página de inicio  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WSB5552TH Datasheet(HTML) 2 Page - Will Semiconductor Ltd.

  WSB5552TH Datasheet HTML 1Page - Will Semiconductor Ltd. WSB5552TH Datasheet HTML 2Page - Will Semiconductor Ltd. WSB5552TH Datasheet HTML 3Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WSB5552TH
Will Semiconductor Ltd.
2
Feb,2015– Rev. 1.0
Typical characteristics (Ta=25oC, Per diode)
Forward voltage vs. Forward current
Forward Current Derating Curve
Reverse current vs. Reverse voltage
Junction capacitance vs. Reverse voltage
Electronics characteristics (TA=25oC, Per diode)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Reverse Breakdown Voltage
VR
IR=0.5mA
100
-
-
V
Forward voltage
VF
IF=5A
-
-
0.80
V
Reverse current
IR
VR=100V
-
-
0.1
mA
Junction capacitance
CJ
VR=25V, F=1MHz
-
62
-
pF
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1E-3
0.01
0.1
1
10
150
oC
125
oC
65
oC
25
oC
85
oC
0
oC
Forward Voltage(V)
-50
oC
0
20
40
60
80
100
1E-3
0.01
0.1
1
10
100
1000
10000
Reverse Voltage(V)
150
oC
125
oC
85
oC
65
oC
0
oC
-50
oC
25
oC
0
5
10
15
20
25
10
100
1000
Reverse Voltage(V)
0
50
100
150
200
0
1
2
3
4
5
6
Case temperature(
oC)



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com