Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM1A64NHUB Datasheet(PDF) 4 Page - Sinopower Semiconductor Inc

No. de pieza SM1A64NHUB
Descripción Electrónicos  N-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SINOPWER [Sinopower Semiconductor Inc]
Página de inicio  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM1A64NHUB Datasheet(HTML) 4 Page - Sinopower Semiconductor Inc

  SM1A64NHUB Datasheet HTML 1Page - Sinopower Semiconductor Inc SM1A64NHUB Datasheet HTML 2Page - Sinopower Semiconductor Inc SM1A64NHUB Datasheet HTML 3Page - Sinopower Semiconductor Inc SM1A64NHUB Datasheet HTML 4Page - Sinopower Semiconductor Inc SM1A64NHUB Datasheet HTML 5Page - Sinopower Semiconductor Inc SM1A64NHUB Datasheet HTML 6Page - Sinopower Semiconductor Inc SM1A64NHUB Datasheet HTML 7Page - Sinopower Semiconductor Inc SM1A64NHUB Datasheet HTML 8Page - Sinopower Semiconductor Inc SM1A64NHUB Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
SM1A64NHUB
www.sinopowersemi.com
®
Copyright ã Sinopower Semiconductor, Inc.
Rev. A.1 - July, 2016
Typical Operating Characteristics
Power Dissipation
Tj - Junction Temperature (°C)
Drain Current
Tj - Junction Temperature
Thermal Transient Impedance
Square Wave Pulse Duration (sec)
Safe Operation Area
VDS - Drain - Source Voltage (V)
0
20
40
60
80 100 120 140 160
0
15
30
45
60
75
90
T
C=25
oC
0
20
40
60
80 100 120 140 160
0
10
20
30
40
50
60
T
C=25
oC,V
G=10V
0.1
1
10
100
400
0.1
1
10
100
300
300ms
10ms
100ms
1ms
DC
T
C=25
oC
1E-6
1E-5
1E-4
1E-3
0.01
0.1
1E-4
1E-3
0.01
0.1
1
3
R
qJC : 1.5
oC/W
0.01
0.02
0.05
0.1
0.2
Single Pulse
Duty = 0.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com