Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PD2150U03-090 Datasheet(PDF) 5 Page - Yantel Corporation

No. de pieza PD2150U03-090
Descripción Electrónicos  Power Divider/Combiner 2-Way 0째 50廓 1.90-2.35 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YANTEL [Yantel Corporation]
Página de inicio  http://en.yantel-corp.com/index_index.html
Logo YANTEL - Yantel Corporation

PD2150U03-090 Datasheet(HTML) 5 Page - Yantel Corporation

  PD2150U03-090 Datasheet HTML 1Page - Yantel Corporation PD2150U03-090 Datasheet HTML 2Page - Yantel Corporation PD2150U03-090 Datasheet HTML 3Page - Yantel Corporation PD2150U03-090 Datasheet HTML 4Page - Yantel Corporation PD2150U03-090 Datasheet HTML 5Page - Yantel Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
R
Land Pattern
Pin Out
TOP VIEW
1
2
3
6
5
4
PIN 1 DOT
BY MARKING
2
1
3
0.825
1.650
Recommended Land Pattern
Top View
units:mm
5
4
6
Pin #
Connection
1
IN
2
GND
3
GND
4
OUT
5
GND
6
OUT
Notes:
1.Require to add Capacitors of DC Blocker between
Pins(with black color) and external circuit to prevent
DC signal entry to guranteeparts normal work.
2.This part has passed through 100% RF test.
PD215
0U03
Yantel Corporation
Add
3F, Building 3, Southern District 2 of Zhongguan Honghualing Industrial Park, Xili, Nanshan, Shenzhen, China
Tel
86-755-8355-1886 Fax
86-755-8355-2533
For detailed performance specs & shopping online see Yantel web site : www.yantel-corp.com
Rev A4
PD2150U03-090
Data Sheet
Power Divider/Combiner
2-Way 0°
50
Ω
1.9-2.35 GHz
Outline Drawing
TOP VIEW
BOTTOM VIEW
SIDE VIEW
5
6
4
2
1
3



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com