Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PD2150U03-090 Datasheet(PDF) 4 Page - Yantel Corporation

No. de pieza PD2150U03-090
Descripción Electrónicos  Power Divider/Combiner 2-Way 0째 50廓 1.90-2.35 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YANTEL [Yantel Corporation]
Página de inicio  http://en.yantel-corp.com/index_index.html
Logo YANTEL - Yantel Corporation

PD2150U03-090 Datasheet(HTML) 4 Page - Yantel Corporation

  PD2150U03-090 Datasheet HTML 1Page - Yantel Corporation PD2150U03-090 Datasheet HTML 2Page - Yantel Corporation PD2150U03-090 Datasheet HTML 3Page - Yantel Corporation PD2150U03-090 Datasheet HTML 4Page - Yantel Corporation PD2150U03-090 Datasheet HTML 5Page - Yantel Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
R
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
1900
2000
2100
2200
2300
-40℃
25℃
85℃
125℃
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
1900
2000
2100
2200
2300
-40℃
25℃
85℃
125℃
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
1900
2000
2100
2200
2300
-40℃
25℃
85℃
125℃
Frequency (GHz)
Return Loss VS.Frequency(In/Sum)
Return Loss VS.Frequency(Port1)
Frequency (GHz)
Port1
In/Sum
Frequency (GHz)
Frequency (GHz)
Return Loss VS.Frequency(Port2)
Frequency (GHz)
Port2
Frequency (GHz)
Yantel Corporation
Add
3F, Building 3, Southern District 2 of Zhongguan Honghualing Industrial Park, Xili, Nanshan, Shenzhen, China
Tel
86-755-8355-1886 Fax
86-755-8355-2533
For detailed performance specs & shopping online see Yantel web site : www.yantel-corp.com
Rev A4
PD2150U03-090
Data Sheet
Power Divider/Combiner
2-Way 0°
50
Ω
1.9-2.35 GHz



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com