Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AP65251 Datasheet(PDF) 6 Page - Diodes Incorporated

No. de pieza AP65251
Descripción Electrónicos  ACOT SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65251 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP65251 Datasheet HTML 2Page - Diodes Incorporated AP65251 Datasheet HTML 3Page - Diodes Incorporated AP65251 Datasheet HTML 4Page - Diodes Incorporated AP65251 Datasheet HTML 5Page - Diodes Incorporated AP65251 Datasheet HTML 6Page - Diodes Incorporated AP65251 Datasheet HTML 7Page - Diodes Incorporated AP65251 Datasheet HTML 8Page - Diodes Incorporated AP65251 Datasheet HTML 9Page - Diodes Incorporated AP65251 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
AP65251
Document number: DS36109 Rev. 1 - 2
6 of 19
www.diodes.com
October 2017
© Diodes Incorporated
AP65251
Typical Performance Characteristics (cont.) (@TA = +25°C, VIN = 12V, VOUT = 1.2V, unless otherwise specified.)
VO=5.0V
VO=3.3V
VO=2.5V
VO=1.2V
Vin=4.5V
Vin=12V
Vin=16V
VIN=4.5V
VIN=16V
VIN=12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com