Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KGF1284 Datasheet(PDF) 1 Page - OKI electronic componets

No. de pieza KGF1284
Descripción Electrónicos  Power FET (Plastic Package Type)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OKI [OKI electronic componets]
Página de inicio  http://www.oki.com
Logo OKI - OKI electronic componets

KGF1284 Datasheet(HTML) 1 Page - OKI electronic componets

  KGF1284 Datasheet HTML 1Page - OKI electronic componets KGF1284 Datasheet HTML 2Page - OKI electronic componets KGF1284 Datasheet HTML 3Page - OKI electronic componets KGF1284 Datasheet HTML 4Page - OKI electronic componets KGF1284 Datasheet HTML 5Page - OKI electronic componets KGF1284 Datasheet HTML 6Page - OKI electronic componets KGF1284 Datasheet HTML 7Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
KGF1284
¡ electronic components
This version: Jul. 1998
Previous version: Jan. 1998
¡ electronic components
KGF1284
Power FET (Plastic Package Type)
GENERAL DESCRIPTION
The KGF1284, housed in a SOT-89 type plastic-mold package, is a discrete power FET with
frequencies ranging from the UHF-to L-band. This device features high efficiency, high output
power, and high gain. The KGF1284 specifications are guaranteed to a fixed matching circuit for
3.4 V and 1.9 GHz; external impedance-matching circuits are also required. Because of its high
efficiency, high output power (more than 21.5 dBm), high gain, and plastic package, the KGF1284
is ideal as a transmitter-driver amplifier for personal handy phones, such as digital keying
cordless phones.
FEATURES
• Specifications guaranteed to a fixed matching circuit for 3.4 V, 1.9 GHz
• High output power: 21.5 dBm (min.) at 1.9 GHz
• High efficiency: 50% (typ.) at 1.9 GHz
• High linear gain: 12 dB (typ.) at 1.9 GHz
• Package: 3PMMP (SOT-89 type)
PACKAGE DIMENSIONS
E2Q0027-38-72
1.5
±0.1
0.39
±0.05
(Unit: mm)
4.5
±0.1
+0.08
–0.05
0.4
+0.08
–0.05
0.4
+0.08
–0.05
0.48
1.5
±0.1 1.5±0.1
3
±0.1
Package material
Pin treatment
Solder plate thickness
Lead frame material
Epoxy resin
Solder plating
5 mm or more
Cu
1.6 +0.15
–0.10


Número de pieza similar - KGF1284

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OKI electronic componet...
KGF1283 OKI-KGF1283 Datasheet
96Kb / 7P
Power FET (Plastic Package Type)
More results

Descripción similar - KGF1284

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OKI electronic componet...
KGF1283 OKI-KGF1283 Datasheet
96Kb / 7P
Power FET (Plastic Package Type)
KGF1305T OKI-KGF1305T Datasheet
66Kb / 6P
Power FET (Ceramic Package Type)
KGF1313 OKI-KGF1313 Datasheet
94Kb / 7P
Power FET (Plastic Package Type)
KGF1323 OKI-KGF1323 Datasheet
83Kb / 7P
Power FET(Plastic Package Type)
KGF1322 OKI-KGF1322 Datasheet
75Kb / 6P
Power FET (Ceramic Package Type)
KGF1323F OKI-KGF1323F Datasheet
67Kb / 6P
Power FET (Plastic Package Type)
KGF1608 OKI-KGF1608 Datasheet
100Kb / 8P
Power FET (Ceramic Package Type)
KGF1633 OKI-KGF1633 Datasheet
73Kb / 6P
Power FET (Plastic Package Type)
KGF1637 OKI-KGF1637 Datasheet
77Kb / 6P
Power FET (Plastic Package Type)
logo
Mitsubishi Electric Sem...
MGF4941AL MITSUBISHI-MGF4941AL_11 Datasheet
191Kb / 7P
Micro-X type plastic package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com