Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KGF1284 Datasheet(PDF) 3 Page - OKI electronic componets

No. de pieza KGF1284
Descripción Electrónicos  Power FET (Plastic Package Type)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OKI [OKI electronic componets]
Página de inicio  http://www.oki.com
Logo OKI - OKI electronic componets

KGF1284 Datasheet(HTML) 3 Page - OKI electronic componets

  KGF1284 Datasheet HTML 1Page - OKI electronic componets KGF1284 Datasheet HTML 2Page - OKI electronic componets KGF1284 Datasheet HTML 3Page - OKI electronic componets KGF1284 Datasheet HTML 4Page - OKI electronic componets KGF1284 Datasheet HTML 5Page - OKI electronic componets KGF1284 Datasheet HTML 6Page - OKI electronic componets KGF1284 Datasheet HTML 7Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
KGF1284
¡ electronic components
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
Item
VDS
Symbol
Condition
Max.
Unit
Drain-source voltage
Gate-source voltage
Total power dissipation
Channel temperature
VGS
Ptot
Tch
Ta = 25°C
7.0
0.4
2.5
150
V
V
W
°C
Storage temperature
Tstg
125
°C
Min.
–5.0
–45
Ta = Tc = 25°C
Ta = 25°C
Drain current
IDS
Ta = 25°C
0.8
A
Item
PO
Symbol
Condition
Max.
Unit
Output power
dBm
Min.
21.5
45
(*1), PIN = 12 dBm
Typ.
22.5
50
Drain efficiency
hD
(*1), PIN = 12 dBm
%
Linear gain
GLIN
dB
(Ta = 25°C)
12.0
(*1), PIN = –5 dBm
Thermal resistance
Rth
°C/W
—35
Channel to case
VGS(off)
Gate-source cut-off voltage
–2.0
V
–3.0
VDS = 3 V, IDS = 1.4 mA
IDSS
Drain current
mA
450
VDS = 1.5 V, VGS = 0 V
IDS(off)
Drain-source leakage current
500
mA—
VDS = 7 V, VGS = –5 V
IGDO
Gate-drain leakage current
150
mA—
VGD = –12 V
IGSS
Gate-source leakage current
50
mA—
VGS = –5 V
*1 Condition: f = 1.9 GHz, VDS = 3.4 V, IDSQ = 70 mA



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com