Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AOK30B135W1 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

No. de pieza AOK30B135W1
Descripción Electrónicos  Minimal gate spike due to high input capacitance
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AOSMD [Alpha & Omega Semiconductors]
Página de inicio  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOK30B135W1 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOK30B135W1 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOK30B135W1 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOK30B135W1 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOK30B135W1 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOK30B135W1 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOK30B135W1 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOK30B135W1 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOK30B135W1 Datasheet HTML 8Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AOK30B135W1
1350V, 30A Alpha IGBT
TM with Diode
General Description
Product Summary
VCE
IC (TC=100°C)
30A
VCE(sat) (TC=25°C)
1.8V
Applications
• Latest AlphaIGBT (
αIGBT) technology
• Best in Class VCE(SAT) enables high efficiencies
• Low turn-off switching loss due to fast turn-off time
• Very smooth turn-off current waveforms reduce EMI
• Better thermal management
• High surge current capability
• Minimal gate spike due to high input capacitance
• Induction Cooking
• Rice Cookers
• Microwave Ovens
• Other soft switching applications
1350V
Orderable Part Number
Package Type
Form
Minimum Order Quantity
G
C
E
Top View
TO-247
G
C
E
AOK30B135W1
Symbol
V CE
V GE
I Cpulse
I CSM
I LM
Diode Pulsed Current, Limited by TJmax
I Fpulse
T J , T STG
T L
Symbol
R θ JA
R θ JC
R θ JC
Note A: Capacitor charging saturation current limited by Tjmax<175°C and tp<3µs
°C/W
1.20
300
-55 to 175
340
°C/W
40
170
°C
120
AOK30B135W1
W
Units
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
Tube
240
Turn off SOA, VCE ≤ 600V, Limited by TJmax
Pulsed Collector Current, Limited by TJmax
Maximum Diode Junction-to-Case
°C/W
0.44
Maximum IGBT Junction-to-Case
Maximum Junction-to-Ambient
TC=100°C
Maximum lead temperature for soldering
purpose, 1/8" from case for 5 seconds
°C
Power Dissipation
P D
Junction and Storage Temperature Range
TC=25°C
Thermal Characteristics
A
Parameter
120
Continuous Diode
Forward Current
TC=25°C
I F
60
A
TC=100°C
Continuous Collector
Current
TC=25°C
30
60
30
A
120
A
I C
V
AOK30B135W1
Collector-Emitter Voltage
1350
Orderable Part Number
Package Type
Form
Minimum Order Quantity
AOK30B135W1
TO247
Non repetitive peak collector current
A
200
A
±30
V
Gate-Emitter Voltage
TC=100°C
A
Rev.2.0: January 2015
www.aosmd.com
Page 1 of 8


Número de pieza similar - AOK30B135W1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha & Omega Semicondu...
AOK30B135W1_PR AOSMD-AOK30B135W1_PR Datasheet
63Kb / 2P
The technology of induction heating provides precise cooking
More results

Descripción similar - AOK30B135W1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STL7NM60N STMICROELECTRONICS-STL7NM60N Datasheet
786Kb / 13P
Low input capacitance and gate charge, Low gate input resistance
10-Nov-2011
STFI24NM60N STMICROELECTRONICS-STFI24NM60N Datasheet
804Kb / 12P
Low input capacitance and gate charge
24-Jul-2014
STL38N65M5 STMICROELECTRONICS-STL38N65M5 Datasheet
1Mb / 17P
Low input capacitance and gate charge
17-Jan-2013
STD7NM64N STMICROELECTRONICS-STD7NM64N Datasheet
992Kb / 16P
Low input capacitance and gate charge
02-Aug-2013
STE145N65M5 STMICROELECTRONICS-STE145N65M5 Datasheet
820Kb / 13P
Low gate charge and input capacitance
12-Nov-2015
STB26NM60ND STMICROELECTRONICS-STB26NM60ND Datasheet
1Mb / 23P
Low input capacitance and gate charge
28-Nov-2013
logo
Alpha & Omega Semicondu...
AOK20B120E2 AOSMD-AOK20B120E2 Datasheet
494Kb / 8P
Minimal gate spike due to high input capacitance
AOK20B135E1 AOSMD-AOK20B135E1 Datasheet
673Kb / 8P
Minimal gate spike due to high input capacitance
AOK30B120D2 AOSMD-AOK30B120D2 Datasheet
608Kb / 8P
Minimal gate spike due to high input capacitance
AOK75B60D1 AOSMD-AOK75B60D1 Datasheet
819Kb / 9P
Minimal gate spike under high dV/dt
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com