Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST-025BH Datasheet(PDF) 2 Page - Soberton Inc.

No. de pieza ST-025BH
Descripción Electrónicos  THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SOBERTON [Soberton Inc.]
Página de inicio  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

ST-025BH Datasheet(HTML) 2 Page - Soberton Inc.

  ST-025BH_17 Datasheet HTML 1Page - Soberton Inc. ST-025BH_17 Datasheet HTML 2Page - Soberton Inc. ST-025BH_17 Datasheet HTML 3Page - Soberton Inc. ST-025BH_17 Datasheet HTML 4Page - Soberton Inc. ST-025BH_17 Datasheet HTML 5Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: ST-025BH
PRODUCT: Electromagnetic Buzzer
EDITION: A/2017
PAGE 2/5
RELIABILITY TEST
item
test conditions
evaluation standard
operating life test
ORDINARY TEMPERATURE
The part will be subjected to 96 hours of
continuous operation at +25 ±10ºC.
After the test the part will meet specifications
without any degradation in appearance and
performance except SPL, after 4 hours at +25ºC.
Allowable variation of SPL after test: ±10dB
HIGH TEMPERATURE
The part will be subjected to 72 hours of
continuous operation at +85ºC with 3.6V,
2700Hz applied.
LOW TEMPERATURE
The part will be subjected to 72 hours of
continuous operation at -30ºC with 3.6V, 2700Hz
applied.
TEST CONDITION
Standard Test Condition: a) Temperature : +5 ~ +35ºC
b) Humidity : 45 ~ 85%
c) Pressure : 860 ~ 1060mbar
MECHANICAL CHARACTERISTICS
item
test conditions
evaluation standard
solderability
Lead terminal are immersed in rosin for 5
seconds and then immersed in solder bath of
+260 ±5oC for 3 ±0.5 seconds
90% min. lead terminals will be wet with solder
No interference in operation.
soldering heat resistance
The product followed the reflow temperature
curve to test its reflow thermostability.
terminal mechanical
strength
Lead pads will be soldered on the pc board, and
the force 9.8N(1.0Kg) will be applied behind the
part for 10 seconds.
No damage and cutting off.
vibration
The part will be subjected to a vibration cycle of
10Hz to 55Hz to 10Hz in a period of 1 minute.
Total peak amplitude will be 1.52mm(9.3G). The
vibration test will consist of 2 hours per axis in
each three axes(X,Y,Z). Total 6 hours.
After the test the part will meet specifications
without any damage in appearance and
performance except SPL.
The SPL would be ±10dBA compared with the
initital one.
drop test
The part only will be dropped from a height of
75cm onto a 40mm thick wooden board 3 times
in 3 axes(X,Y,Z). A total of 9 times.
RECOMMENDED WAVE SOLDERING TEMPERATURE CURVE
Recommendable reflow soldering condition as follows:
Note 1: It is requested that reflow soldering should be executed after
heat of product goes down to notrmal tempertaure.
Note 2: Peak reflow temperature of 250ºC Max 10 sec. with a maximum
duration of 40-60 sec. between 220ºC and 250ºC



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com