Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST-025BH Datasheet(PDF) 3 Page - Soberton Inc.

No. de pieza ST-025BH
Descripción Electrónicos  THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SOBERTON [Soberton Inc.]
Página de inicio  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

ST-025BH Datasheet(HTML) 3 Page - Soberton Inc.

  ST-025BH_17 Datasheet HTML 1Page - Soberton Inc. ST-025BH_17 Datasheet HTML 2Page - Soberton Inc. ST-025BH_17 Datasheet HTML 3Page - Soberton Inc. ST-025BH_17 Datasheet HTML 4Page - Soberton Inc. ST-025BH_17 Datasheet HTML 5Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: ST-025BH
PRODUCT: Electromagnetic Buzzer
EDITION: A/2017
MEASUREMENT TEST CIRCUIT
PAGE 3/5
INSPECTION FIXTURE
Sound Level Meter TES1350A
BUZZER
10cm
INSPECTION FIXTURE :
MEASUREMENT METHOD
Vp
OV
H:
G:
+Vcc
180
CE
V
Sound Level Meter TES1350A
BUZZER
10cm
INSPECTION FIXTURE :
MEASUREMENT METHOD
Vp
OV
H:
G:
+Vcc
180
CE
V



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com