Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPQ1924HS Datasheet(PDF) 6 Page - Monolithic Power Systems

No. de pieza MPQ1924HS
Descripción Electrónicos  100V, 4A, High Frequency Half-Bridge Gate Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ1924HS Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MPQ1924HS Datasheet HTML 2Page - Monolithic Power Systems MPQ1924HS Datasheet HTML 3Page - Monolithic Power Systems MPQ1924HS Datasheet HTML 4Page - Monolithic Power Systems MPQ1924HS Datasheet HTML 5Page - Monolithic Power Systems MPQ1924HS Datasheet HTML 6Page - Monolithic Power Systems MPQ1924HS Datasheet HTML 7Page - Monolithic Power Systems MPQ1924HS Datasheet HTML 8Page - Monolithic Power Systems MPQ1924HS Datasheet HTML 9Page - Monolithic Power Systems MPQ1924HS Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MPQ1924
―100V, 4A HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
MPQ1924 Rev. 1.0
www.MonolithicPower.com
6
12/20/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
SOIC-8
Pin #
Name
Description
1
VDD
Supply input. This pin supplies power to all the internal circuitry. Place a decoupling
capacitor to ground close to this pin to ensure stable and clean supply.
2
BST
Bootstrap. This is the positive power supply for the internal floating high-side
MOSFET driver. Connect a bypass capacitor between this pin and SW pin.
3
DRVH
Floating driver output.
4
SW
Switching node.
NC
No connection.
5
INH
Control signal input for the floating driver.
6
INL
Control signal input for the low side driver.
7
VSS,
exposed pad
Chip ground. Connect exposed pad to VSS for proper thermal operation.
8
DRVL
Low side driver output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com