Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPQ1924HS Datasheet(PDF) 4 Page - Monolithic Power Systems

No. de pieza MPQ1924HS
Descripción Electrónicos  100V, 4A, High Frequency Half-Bridge Gate Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ1924HS Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPQ1924HS Datasheet HTML 1Page - Monolithic Power Systems MPQ1924HS Datasheet HTML 2Page - Monolithic Power Systems MPQ1924HS Datasheet HTML 3Page - Monolithic Power Systems MPQ1924HS Datasheet HTML 4Page - Monolithic Power Systems MPQ1924HS Datasheet HTML 5Page - Monolithic Power Systems MPQ1924HS Datasheet HTML 6Page - Monolithic Power Systems MPQ1924HS Datasheet HTML 7Page - Monolithic Power Systems MPQ1924HS Datasheet HTML 8Page - Monolithic Power Systems MPQ1924HS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MPQ1924
―100V, 4A HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
MPQ1924 Rev. 1.0
www.MonolithicPower.com
4
12/20/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VDD = VBST-VSW = 12V, VSS = VSW = 0V, No load at DRVH and DRVL, TA = +25C, unless otherwise
noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Supply Currents
VDD quiescent current
IDDQ
INL = INH = 0
100
150
µA
VDD operating current
IDDO
fsw = 500kHz
9
mA
Floating driver quiescent current
IBSTQ
INL = INH = 0
60
90
µA
Floating driver operating current
IBSTO
fsw = 500kHz
7.5
mA
Leakage current
ILK
BST = SW = 100V
0.05
1
A
Inputs
INL/INH High
2
2.4
V
INL/INH Low
1
1.4
V
INL/INH
internal
pull-down
resistance
RIN
185
k
Under Voltage Protection
VDD rising threshold
VDDR
8.1
8.4
8.8
V
VDD hysteresis
VDDH
0.5
V
(BST-SW) rising threshold
VBSTR
6.9
7.3
7.7
V
(BST-SW) hysteresis
VBSTH
0.55
V
Bootstrap Diode
Bootstrap diode VF @ 100
μA
VF1
0.5
V
Bootstrap diode VF @ 100mA
VF2
0.95
V
Bootstrap diode dynamic R
RD
@ 100mA
2
Low Side Gate Driver
Low level output voltage
VOLL
IO = 100mA
0.08
V
High level output voltage to rail
VOHL
IO = -100mA
0.23
V
Source Current
(5)
IOHL
VDRVL = 0V, VDD = 12V
3
A
VDRVL = 0V, VDD = 16V
4.7
A
Sink Current
(5)
IOLL
VDRVL = VDD = 12V
4.5
A
VDRVL = VDD = 16V
6
A
Floating Gate Driver
Low level output voltage
VOLH
IO = 100mA
0.08
V
High level output voltage to rail
VOHH
IO = -100mA
0.23
V
Source Current
(5)
IOHH
VDRVH = 0V, VDD = 12V
2.6
A
VDRVH = 0V, VDD = 16V
4
A
Sink Current
(5)
IOLH
VDRVH = VDD = 12V
4.5
A
VDRVH = VDD = 16V
5.9
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com