Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLE94003EP Datasheet(PDF) 2 Page - Infineon Technologies AG

No. de pieza TLE94003EP
Descripción Electrónicos  protected triple half-bridge driver designed especially for automotive motion control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE94003EP Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE94003EP Datasheet HTML 1Page - Infineon Technologies AG TLE94003EP Datasheet HTML 2Page - Infineon Technologies AG TLE94003EP Datasheet HTML 3Page - Infineon Technologies AG TLE94003EP Datasheet HTML 4Page - Infineon Technologies AG TLE94003EP Datasheet HTML 5Page - Infineon Technologies AG TLE94003EP Datasheet HTML 6Page - Infineon Technologies AG TLE94003EP Datasheet HTML 7Page - Infineon Technologies AG TLE94003EP Datasheet HTML 8Page - Infineon Technologies AG TLE94003EP Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Datasheet
2
1.0
2017-12-07
TLE94003EP
Table 1
Product Summary
Operating Voltage
VS
5.5 ... 20 V
Logic Supply Voltage
VDD
3.0 ... 5.5 V
Maximum Supply Voltage for Load Dump
Protection
VS(LD)
40 V
Minimum Overcurrent Threshold
ISD
0.9 A
Maximum On-State Path Resistance at Tj = 150°C RDSON(total)_HSx+LSy
1.8 + 1.8 Ω
Typical Quiescent Current at Tj = 85°C
ISQ
0.1 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com