Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SIT3921 Datasheet(PDF) 7 Page - SiTime Corp.

No. de pieza SIT3921
Descripción Electrónicos  Digitally Controlled Differential Oscillator (DCXO)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SITIME [SiTime Corp.]
Página de inicio  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT3921 Datasheet(HTML) 7 Page - SiTime Corp.

Back Button SIT3921 Datasheet HTML 3Page - SiTime Corp. SIT3921 Datasheet HTML 4Page - SiTime Corp. SIT3921 Datasheet HTML 5Page - SiTime Corp. SIT3921 Datasheet HTML 6Page - SiTime Corp. SIT3921 Datasheet HTML 7Page - SiTime Corp. SIT3921 Datasheet HTML 8Page - SiTime Corp. SIT3921 Datasheet HTML 9Page - SiTime Corp. SIT3921 Datasheet HTML 10Page - SiTime Corp. SIT3921 Datasheet HTML 11Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
The Smart Timing Choice
The Smart Timing Choice
SiT3921
Digitally Controlled Differential Oscillator (DCXO)
Rev. 1.1
Page 7 of 12
www.sitime.com
Termination Diagrams
LVPECL:
Z0 = 50
Z0 = 50
D+
D-
OU T+
OU T-
50
VTT = V D D – 2.0 V
Drive Device
Receiver Device
50
VDD
D+
D-
OUT+
OUT-
Drive Device
Receiver Device
Z0 = 50
Z0 = 50
R1
50
50
R1
VTT
100 nF
100 nF
R1 = 100 to 150
VDD
Z0 = 50
Z0 = 50
D+
D-
OUT+
OUT-
Drive Device
Receiver
Device
R1
R2
R3
R4
VDD
VDD = 3.3V => R1 = R3 = 133
 and
R2 = R4 = 82
VDD = 2.5V => R1 = R3 = 250
 and
R2 = R4 = 62.5
VDD
Figure 9. LVPECL Typical Termination
Figure 10. LVPECL AC Coupled Termination
Figure 11. LVPECL with Thevenin Typical Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com