Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SIT3921 Datasheet(PDF) 4 Page - SiTime Corp.

No. de pieza SIT3921
Descripción Electrónicos  Digitally Controlled Differential Oscillator (DCXO)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SITIME [SiTime Corp.]
Página de inicio  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT3921 Datasheet(HTML) 4 Page - SiTime Corp.

  SIT3921 Datasheet HTML 1Page - SiTime Corp. SIT3921 Datasheet HTML 2Page - SiTime Corp. SIT3921 Datasheet HTML 3Page - SiTime Corp. SIT3921 Datasheet HTML 4Page - SiTime Corp. SIT3921 Datasheet HTML 5Page - SiTime Corp. SIT3921 Datasheet HTML 6Page - SiTime Corp. SIT3921 Datasheet HTML 7Page - SiTime Corp. SIT3921 Datasheet HTML 8Page - SiTime Corp. SIT3921 Datasheet HTML 9Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
The Smart Timing Choice
The Smart Timing Choice
SiT3921
Digitally Controlled Differential Oscillator (DCXO)
Rev. 1.1
Page 4 of 12
www.sitime.com
Figure 3. Mode 1 Frame Timing
Figure 4. Mode 2 Frame Timing
Frame Timing Parameters
Calculating Pull Range PPM offset
The frequency control value must be encoded as a 2's complement number (16-bit in mode 1 and 23-bit in mode 2), represent-
ing the full scale range of the device. For example, for a ±1600ppm device in mode 2, the 23-bit number represents the full
±1600ppm range.
The upper 16 bits of the value are written to address 0x06. If the high-resolution register (address 0x07) is used, the other 7 bits
are written to the lowest seven bits of address 0x07.
Here are the steps to calculate the frequency control value:
1. Find the scale factor (calculated for half of the pull range) from the tables below where PR is the Pull Range:
2. Enter the desired_PPM in equation below:
Frequency control (decimal value) = round (desired_PPM * K).
3. For any frequency shifts (positive or negative PPM), convert the frequency control value to a 2’s complement binary number.
Parameter
Symbol
Min.
Max.
Unit
Frame Length
Tframe
40
S
Frame to Frame Delay
Tf2f
2—
S
Frequency Settling Time
Tsettle
—30
S
Frame to Frequency Delay
Tfdelay
—8
S
K (scale)Factor
Mode
K = Scale Factor
1
(2^15-1) / (PR*1.00135625)
2
(2^22-1) / (PR*1.00135625)
T fram e
T fdelay
T settle
f0
C ontro l pin
O u tput
freque nc y
f0 + f1
f0 + f2
0x f1
0x f2
0x F A 0A
0 x 06
0xF A D A
0x06
T f2f
T fram e
T fdelay
T settle
f0
C o ntro l pin
Ou tp u t
frequenc y
f0 + f1
0x f1
(L S W )
0x f1
(M S W )
0x F A 0 A
0 x 0 7
0x F A D A
0x0 6
T fram e
T f2f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com