Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MP2499MGQB Datasheet(PDF) 4 Page - Monolithic Power Systems

No. de pieza MP2499MGQB
Descripción Electrónicos  36V, 3A Max, High-Efficiency, Synchronous, Step-Down Converter with Output Line Drop Compensation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2499MGQB Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2499MGQB Datasheet HTML 1Page - Monolithic Power Systems MP2499MGQB Datasheet HTML 2Page - Monolithic Power Systems MP2499MGQB Datasheet HTML 3Page - Monolithic Power Systems MP2499MGQB Datasheet HTML 4Page - Monolithic Power Systems MP2499MGQB Datasheet HTML 5Page - Monolithic Power Systems MP2499MGQB Datasheet HTML 6Page - Monolithic Power Systems MP2499MGQB Datasheet HTML 7Page - Monolithic Power Systems MP2499MGQB Datasheet HTML 8Page - Monolithic Power Systems MP2499MGQB Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MP2499M – 36V, 3A MAX, SYNCHRONOUS BUCK CONVERTER
MP2499M Rev 1.0
www.MonolithicPower.com
4
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TJ = -40°C to +125°C (5), unless otherwise noted. Typical values are at TJ = +25°C.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply current (shutdown)
ISHDN
VEN = 0V
10
μA
Supply current (quiescent)
IQ
VEN = 2V, VFB = 1V
0.7
0.9
mA
HS switch on resistance
RON_HS
VBST-SW = 5V
85
150
LS switch on resistance
RON_LS
VCC = 5V
55
105
Switch leakage
ILKG_SW
VEN = 0V, VSW = 12V
1
μA
Current limit
ILIMIT
Under 40% duty cycle
4
6
8
A
Oscillator frequency
fSW
VFB = 750mV
200
270
340
kHz
Foldback frequency
fFB
VFB < 240mV, and OC
(VCOMP is high)
70
kHz
Maximum duty cycle (6)
DMAX
VFB = 750mV, 250kHz
97
%
Minimum on time (6)
tON_MIN
70
ns
Sync frequency range
fSYNC
0.2
2.4
MHz
ISENSE reference voltage
VISENSE
94
118
142
mV
Line drop compensation
current
ISINK
IO = 2.4A, RSENSE = 40m
Ω,
TJ = 25°C
4
6
8
μA
Feedback voltage
VFB
TJ = 25°C
780
792
804
mV
TJ = -40°C to 85°C
776
792
808
Feedback current
IFB
VFB = 820mV
10
100
nA
EN/SYNC rising threshold
VEN_RISING
1.15
1.4
1.65
V
EN/SYNC falling threshold
VEN_FALLING
1.05
1.25
1.45
V
EN/SYNC threshold hysteresis
VEN_HYS
150
mV
VIN under-voltage lockout
threshold rising
INUVRISING
4.2
4.5
4.8
V
VIN under-voltage lockout
threshold-falling
INUVFALLING
4
4.3
4.6
V
VIN under-voltage lockout
threshold hysteresis
INUVHYS
200
mV
VCC regulator
VCC
ICC = 0mA
4.6
4.9
5.2
V
VCC load regulation
ICC = 5mA
1.5
4
%
Soft-start period
tSS
VOUT from 10% to 90%
1.6
ms
Thermal shutdown (6)
170
°C
Thermal hysteresis (6)
30
°C
NOTES:
5) Not tested in production. Guaranteed by over-temperature correlation.
6) Guaranteed by design and engineering sample characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com