Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MP2499MGQB Datasheet(PDF) 2 Page - Monolithic Power Systems

No. de pieza MP2499MGQB
Descripción Electrónicos  36V, 3A Max, High-Efficiency, Synchronous, Step-Down Converter with Output Line Drop Compensation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2499MGQB Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2499MGQB Datasheet HTML 1Page - Monolithic Power Systems MP2499MGQB Datasheet HTML 2Page - Monolithic Power Systems MP2499MGQB Datasheet HTML 3Page - Monolithic Power Systems MP2499MGQB Datasheet HTML 4Page - Monolithic Power Systems MP2499MGQB Datasheet HTML 5Page - Monolithic Power Systems MP2499MGQB Datasheet HTML 6Page - Monolithic Power Systems MP2499MGQB Datasheet HTML 7Page - Monolithic Power Systems MP2499MGQB Datasheet HTML 8Page - Monolithic Power Systems MP2499MGQB Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MP2499M – 36V, 3A MAX, SYNCHRONOUS BUCK CONVERTER
MP2499M Rev 1.0
www.MonolithicPower.com
2
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP2499MGQB
QFN-13 (2.5mmx3mm)
See Below
* For Tape & Reel, add suffix
–Z (e.g. MP2499MGQB–Z)
TOP MARKING
ART: Product code of MP2499MGQB
Y: Year code
WW: Week code
LLL: Lot number
PACKAGE REFERENCE
TOP VIEW
IN
1
IN
2
SW
7
4
ISENSE
6
EN/
SYNC
3
8
AGND
11
10
VCC
PGND
FB
BST
13
12
NC
5
9
PGND
PGND
QFN-13 (2.5mmx3mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com