Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AP4P052H Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

No. de pieza AP4P052H
Descripción Electrónicos  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  A-POWER [Advanced Power Electronics Corp.]
Página de inicio  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4P052H Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP4P052H Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4P052H Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4P052H Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4P052H Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4P052H Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4P052H Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AP4P052H
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250uA
-40
-
-
V
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=-10V, ID=-8A
-
-
52
mΩ
VGS=-4.5V, ID=-6A
-
-
90
mΩ
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250uA
-1
-
-3
V
gfs
Forward Transconductance
VDS=-10V, ID=-8A
-
16
-
S
IDSS
Drain-Source Leakage Current
VDS=-32V, VGS=0V
-
-
-10
uA
IGSS
Gate-Source Leakage
VGS= +20V, VDS=0V
-
-
+100
nA
Qg
Total Gate Charge
ID=-8A
-
11
17.6
nC
Qgs
Gate-Source Charge
VDS=-32V
-
3
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=-4.5V
-
3.5
-
nC
td(on)
Turn-on Delay Time
VDS=-20V
-
7
-
ns
tr
Rise Time
ID=-8A
-
18
-
ns
td(off)
Turn-off Delay Time
RG=10Ω
-48
-
ns
tf
Fall Time
VGS=-10V
-
50
-
ns
Ciss
Input Capacitance
VGS=0V
-
1200
1920
pF
Coss
Output Capacitance
VDS=-25V
-
80
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
70
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VSD
Forward On Voltage
2
IS=-8A, VGS=0V
-
-
-1.2
V
trr
Reverse Recovery Time
IS=-8A, VGS=0V,
-
14
-
ns
Qrr
Reverse Recovery Charge
dI/dt=-100A/µs
-
7
-
nC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse test
3.Starting Tj=25
oC , V
DD=-20V , L=0.1mH , RG=25Ω, VGS=-10V
THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION.
USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED.
APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED
HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN.
2
4.Surface mounted on 1 in
2 copper pad of FR4 board
.



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com