| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STN1NK60Z Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STN1NK60Z Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 14 page ![]() STD1LNK60Z-1 - STQ1NK60ZR - STN1NK60Z 2/14 Table 3: Absolute Maximum ratings ( ) Pulse width limited by safe operating area (1) ISD ≤0.3A, di/dt ≤200A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX. Table 4: Thermal Data (#) When mounted on 1 inch² Fr-4 board, 2 Oz Cu Table 5: Avalanche Characteristics Table 6: Gate-Source Zener Diode PROTECTION FEATURES OF GATE-TO-SOURCE ZENER DIODES The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device’s ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and cost-effective intervention to protect the device’s integrity. These integrated Zener diodes thus avoid the usage of external components. Symbol Parameter Value Unit IPAK TO-92 SOT-223 VDS Drain-source Voltage (VGS = 0) 600 V VDGR Drain-gate Voltage (RGS = 20 kΩ) 600 V VGS Gate- source Voltage ± 30 V ID Drain Current (continuous) at TC = 25°C 0.8 0.3 0.3 A ID Drain Current (continuous) at TC = 100°C 0.5 0.189 0.189 A IDM ( ) Drain Current (pulsed) 3.2 1.2 1.2 A PTOT Total Dissipation at TC = 25°C 25 3 3.3 W Derating Factor 0.24 0.025 0.026 W/°C VESD(G-S) Gate source ESD(HBM-C=100pF, R=1.5K Ω) 800 V dv/dt (1) Peak Diode Recovery voltage slope 4.5 V/ns Tj Tstg Operating Junction Temperature Storage Temperature -55 to 150 °C IPAK TO-92 SOT-223 Rthj-case Thermal Resistance Junction-case Max 5 -- -- °C/W Rthj-amb Thermal Resistance Junction-ambient Max 100 120 37.87(#) °C/W Rthj-lead Thermal Resistance Junction-lead Max -- 40 -- °C/W Tl Maximum Lead Temperature For Soldering Purpose 275 260 260 °C Symbol Parameter Max Value Unit IAR Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max) 0.8 A EAS Single Pulse Avalanche Energy (starting Tj = 25 °C, ID = IAR, VDD = 50 V) 60 mJ Symbol Parameter Test Conditions Min. Typ. Max. Unit BVGSO Gate-Source Breakdown Voltage Igs=± 1mA (Open Drain) 30 V |