Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AP4P013LEP Datasheet(PDF) 5 Page - Advanced Power Electronics Corp.

No. de pieza AP4P013LEP
Descripción Electrónicos  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  A-POWER [Advanced Power Electronics Corp.]
Página de inicio  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4P013LEP Datasheet(HTML) 5 Page - Advanced Power Electronics Corp.

  AP4P013LEP Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4P013LEP Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4P013LEP Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4P013LEP Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4P013LEP Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4P013LEP Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AP4P013LEP
Fig 13. Normalized BVDSS v.s. Junction
Fig 14. Total Power Dissipation
Temperature
Fig 15. Typ. Drain-Source on State
Fig 16. Drain Current v.s. Case Temperature
Resistance
5
0
20
40
60
80
0
50
100
150
T C , Case Temperature(
o C)
0
0.4
0.8
1.2
1.6
2
-100
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D = -1mA
0
20
40
60
80
100
0
2040
6080
-I D , Drain Current (A)
T j =25
o C
-4.5V
V GS = -10V
0
20
40
60
80
25
50
75
100
125
150
T C , Case Temperature (
o C )
.



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com