Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AN5307B Datasheet(PDF) 4 Page - STANLEY ELECTRIC CO.,LTD.

No. de pieza AN5307B
Descripción Electrónicos  Wide Distribution
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Página de inicio  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

AN5307B Datasheet(HTML) 4 Page - STANLEY ELECTRIC CO.,LTD.

  AN5307B Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. AN5307B Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. AN5307B Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. AN5307B Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. AN5307B Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. AN5307B Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. AN5307B Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. AN5307B Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. AN5307B Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Page 4
2009.2.2
Technical Data
Spatial Distribution Example
Condition : Ta = 25℃
Spectral Distribution
Wavelength vs. Relative Radiant Intensity
Condition : Ta = 25℃, I
F = 50mA
Wavelength [nm]
Forward Voltage vs. Forward Current
Condition : Ta = 25℃
Forward Voltage : V
F(V)
Duty Ratio vs. Pulse Forward Current
Condition : Ta = 25℃, tw ≦ 100μs
Duty Ratio
Through-hole IRED/φ5 Type
AN5307B



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com