Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDB8952 Datasheet(PDF) 13 Page - Cirrus Logic

No. de pieza CDB8952
Descripción Electrónicos  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB8952 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CDB8952 Datasheet HTML 9Page - Cirrus Logic CDB8952 Datasheet HTML 10Page - Cirrus Logic CDB8952 Datasheet HTML 11Page - Cirrus Logic CDB8952 Datasheet HTML 12Page - Cirrus Logic CDB8952 Datasheet HTML 13Page - Cirrus Logic CDB8952 Datasheet HTML 14Page - Cirrus Logic CDB8952 Datasheet HTML 15Page - Cirrus Logic CDB8952 Datasheet HTML 16Page - Cirrus Logic CDB8952 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
CS8952
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
13
10BASE-T MII RECEIVE TIMING
Parameter
Symbol
Min
Typ
Max
Unit
RX_CLK Period
tP
-400
-
ns
RX_CLK Pulse Width
tWL, tWH
-200
-
ns
RXD[3:0],RX_ER,RX_DV setuptorisingedgeof
RX_CLK
tSU
30
-
-
ns
RXD[3:0], RX_ER, RX_DV hold from rising edge
of RX_CLK
tHD
30
-
-
ns
RX data valid from CRS
tRLAT
-8
10
BT
RX+/- preamble to CRS asserted
tCRS1
-5
7
BT
RX+/- end of packet to CRS de-asserted
tCRS2
2.5
3
BT
RX+/- preamble to COL asserted
tCOL1
0-
7
BT
RX+/- end of packet to COL de-asserted
tCOL2
--
3
BT
RX_EN asserted to RX_DV, RXD[3:0], RX_ER
valid
tEN
-
-
60
ns
RX_EN de-asserted to RX_DV, RXD[3:0]. RX_ER
in high impedance state
tDIS
-
-
60
ns
RX_CLK
RXD[3:0],
CRS
tCRS1
tCOL2
tRLAT
RX_EN
RX+/-
RX_DV
IN
OUT
IN
OUT
OUT
OUT
COL
tCOL1
tCRS2
tHD
tEN
tDIS
RX_ER
tWL
tWH
tP
tSU
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com