Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDB8952 Datasheet(PDF) 79 Page - Cirrus Logic

No. de pieza CDB8952
Descripción Electrónicos  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB8952 Datasheet(HTML) 79 Page - Cirrus Logic

Back Button CDB8952 Datasheet HTML 74Page - Cirrus Logic CDB8952 Datasheet HTML 75Page - Cirrus Logic CDB8952 Datasheet HTML 76Page - Cirrus Logic CDB8952 Datasheet HTML 77Page - Cirrus Logic CDB8952 Datasheet HTML 78Page - Cirrus Logic CDB8952 Datasheet HTML 79Page - Cirrus Logic CDB8952 Datasheet HTML 80Page - Cirrus Logic CDB8952 Datasheet HTML 81Page - Cirrus Logic CDB8952 Datasheet HTML 82Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 79 / 82 page
background image
CS8952
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
79
RESET - Reset. Input, Pin 15.
This active high input initializes the CS8952, and causes the CS8952 to latch the input signal on the
following pins: COL/PHYAD0, CRS/PHYAD2, RX_ER/PHYAD4/RXD4, 10BT_SER, BP4B5B, BPALIGN,
BPSCR, ISODEF, REPEATER, RXD[1]/PHYAD1, and RXD[3]/PHYAD3.
XTAL_I - Crystal Input, Pin 96.
XTAL_O - Crystal Output, Pin 97.
A 25 MHz crystal should be connected across pins XTAL_I and XTAL_O. If a crystal is not used, a
25 MHz CMOS level clock may be connected to XTAL_I and XTAL_O left open.
NOTE: The XTAL_I pin capacitive load may be as high as 35pF. Any external clock source connected to this
pin must be capable of driving larger capacitive loads.
RSVD - Reserved. Pins 74, 75, 76, 77, 84, 98, and 99.
These seven pins are reserved and should be tied to VSS.
VDD_MII - MII Power. Pins 21, 34, and 66.
These pins provide power to the CS8952 MII interface. Typically VDD_MII will be either +5V or +3.3V.
VDD - Core Power. Pins 2, 11, 19, 40, 54, 79, 82, 88, 89, 94, and 100.
These pins provide power to the CS8952 core. Typically, VDD should be +5V.
VSS - Ground. Pins 1, 3, 10, 12, 13, 18, 20, 22, 35, 39, 41, 53, 55, 65, 78, 83, 85, 87, 90, 93, and 95.
These pins provide a ground reference for the CS8952.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com