Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STV3550 Datasheet(PDF) 31 Page - STMicroelectronics

No. de pieza STV3550
Descripción Electrónicos  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 27Page - STMicroelectronics STV3550 Datasheet HTML 28Page - STMicroelectronics STV3550 Datasheet HTML 29Page - STMicroelectronics STV3550 Datasheet HTML 30Page - STMicroelectronics STV3550 Datasheet HTML 31Page - STMicroelectronics STV3550 Datasheet HTML 32Page - STMicroelectronics STV3550 Datasheet HTML 33Page - STMicroelectronics STV3550 Datasheet HTML 34Page - STMicroelectronics STV3550 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 144 page
background image
STV3550
31/144
3.3.6.2 White Stretch
The White Stretch algorithm is used on a dark sequence in order to increase the contrast on the
entire image. By default, the inflexion point is based on the average brightness, but another value
can be set by user. Two modes are available by setting the range parameter:
1. When Range = 0, the inflection point is based on the value the average brightness.
2. When Range = 1, 2 or 3, the inflexion point IS NOT BASED on the value of the average
brightness, but is used as parameter for an extended set of possibilities.
The following figures shows various examples of the white stretch algorithm with the following
values: Gain = 7, Range = 0 and an Average Brightness of 64.
Figure 19: White Stretch 1