Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STV3550 Datasheet(PDF) 63 Page - STMicroelectronics

No. de pieza STV3550
Descripción Electrónicos  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 59Page - STMicroelectronics STV3550 Datasheet HTML 60Page - STMicroelectronics STV3550 Datasheet HTML 61Page - STMicroelectronics STV3550 Datasheet HTML 62Page - STMicroelectronics STV3550 Datasheet HTML 63Page - STMicroelectronics STV3550 Datasheet HTML 64Page - STMicroelectronics STV3550 Datasheet HTML 65Page - STMicroelectronics STV3550 Datasheet HTML 66Page - STMicroelectronics STV3550 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 144 page
background image
STV3550
63/144
Table 18 shows the multiplex output:
26
P25
B4
0
27
P26
B3
0
28
P27
B2
0
29
P28
B1
0
30
P29
B0
0
Table 18: Multiplex Output
STV3550
Pin Number
STV3550
Pad
Multiplex
Output 3x10bits
Phase 0
Multiplex
Output 3x10 bits
Phase 1
Multiplex
Output 3x8 bits
Phase 0
Multiplex
Output 3x8 bits
Phase 1
202
P0
B0
G4
B0
G4
203
P1
B1
G5
B1
G5
204
P2
B2
G6
B2
G6
205
P3
B3
G7
B3
G7
206
P4
B4
R0
B4
R0
208
P5
B5
R1
B5
R1
1P6
B6
R2
B6
R2
2P7
B7
R3
B7
R3
3P8
B8
G9
G0
R4
4P9
B9
R9
G1
R5
6
P10
G0
R4
G2
R6
7
P11
G1
R5
G3
R7
8P12
G2
R6
0
0
9P13
G3
R7
0
0
10
P14
G8
R8
0
0
12
P15
000
0
13
P16
000
0
14
P17
000
0
15
P18
000
0
16
P19
000
0
18
P20
000
0
19
P21
000
0
20
P22
000
0
21
P23
000
0
Table 17: SWAP Output
STV3550
Pin Number
STV3550
Pad
Basic Output
3x10 bits
Output
3x8 bits