| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
K72 Marking, 2N7002 Datasheet(PDF) 3 Page - Diodes Incorporated |
|
||||||||||||||||||||||||||||||
2N7002 Datasheet(HTML) 3 Page - Diodes Incorporated |
|
3 / 3 page ![]() DS11303 Rev. K-2 3 of 3 2N7002 0 0.2 0.4 0.6 0.8 1.0 01 2 3 4 5 V , DRAIN-SOURCE VOLTAGE (V) Fig. 1 On-Region Characteristics DS V = 10V 9.0V 8.0V 7.0V 6.5V 6.0V 5.0V 4.5V 4.0V 3.5V 3.0V 2.5V 2.0/1.0V GS 5.5V 5.0V 0 1 2 3 4 5 0 0.2 I , DRAIN CURRENT (A) Fig. 2 On-Resistance vs Drain Current D V = 5.0V GS T= 25 C j ° V = 10V GS 6 7 0.4 0.6 0.8 1.0 1.0 1.5 2.0 2.5 3.0 -55 -30 -5 20 45 70 95 120 145 T , JUNCTION TEMPERATURE ( C) Fig. 3 On-Resistance vs Junction Temperature j ° V = 10V, I GS D = 200mA 0 V , GATE TO SOURCE VOLTAGE (V) Fig. 4 On-Resistance vs. Gate-Source Voltage GS I = 50mA D I = 500mA D 1 2 3 4 5 6 0 2 4 6 8 10 1214 1618 0 2 1 4 3 0 0.2 0.4 0.6 0.8 1 ID, DRAIN CURRENT (A) Fig.5 Typical Transfer Characteristics 6 5 8 7 10 9 V = 10V DS T = -55°C A T = +25°C A T = +125°C A T = +75°C A |