| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
K72 Marking, 2N7002 Datasheet(PDF) 1 Page - Diodes Incorporated |
|
||||||||||||||||||||||||||||||
2N7002 Datasheet(HTML) 1 Page - Diodes Incorporated |
|
1 / 3 page ![]() DS11303 Rev. K-2 1 of 3 2N7002 2N7002 N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR Features · Low On-Resistance: RDS(ON) · Low Gate Threshold Voltage · Low Input Capacitance · Fast Switching Speed · Low Input/Output Leakage Maximum Ratings @ TA = 25°C unless otherwise specified Characteristic Symbol Value Units Drain-Source Voltage VDSS 60 V Drain-Gate Voltage RGS £ 1.0MW VDGR 60 V Gate-Source Voltage Continuous Pulsed VGSS ±20 ±40 V Drain Current (Note 1) Continuous Continuous @ 100°C Pulsed ID 115 73 800 mA Total Power Dissipation (Note 1) Derating above TA = 25°C Pd 200 1.60 mW mW/°C Thermal Resistance, Junction to Ambient RqJA 625 °C/W Operating and Storage Temperature Range Tj,TSTG -55 to +150 °C Note: 1. Valid provided that terminals are kept at specified ambient temperature. 2. Short duration test pulse used to minimize self-heating effect. · Case: SOT-23, Molded Plastic · Terminals: Solderable per MIL-STD-202, Method 208 · Terminal Connections: See Diagram · Marking: K72, K7A · Weight: 0.008 grams (approx.) Mechanical Data A E J L M B C H G D K TOP VIEW D S G SOT-23 Dim Min Max A 0.37 0.51 B 1.19 1.40 C 2.10 2.50 D 0.89 1.05 E 0.45 0.61 G 1.78 2.05 H 2.65 3.05 J 0.013 0.15 K 0.89 1.10 L 0.45 0.61 M 0.076 0.178 All Dimensions in mm |
Descripción similar - 2N7002 |