Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Preview PDF HTML

K72 Marking, 2N7002K Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

No. de pieza 2N7002K
Descripción Electrónicos  N-Ch Small Signal MOSFET with ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2N7002K Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  2N7002K Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2N7002K Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2N7002K Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH 2N7002K Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2N7002K
0.3A , 60V , RDS(ON) 4 
N-Ch Small Signal MOSFET with ESD Protection
Elektronische Bauelemente
30-Mar-2011 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
Drain-Source Breakdown Voltage
BVDSS
60
-
-
V
VGS =0, ID =10μA
Gate-Threshold Voltage
VGS(th)
1
-
2.5
V
VDS = VGS, ID =250μA
Drain-Source On-Resistance
rDS(ON)
-
-
4
Ω
VGS =4.5V, ID =200mA
-
-
3
VGS =10V, ID =500mA
Zero Gate Voltage Drain Current
IDSS
-
-
1
μA
VDS =60V, VGS =0
Gate-Body Leakage Current
IGSS
-
-
±10
μA
VDS = 0, VGS = ±20V
Forward Transconductance
gfs
100
-
-
mS
VDS = 15V, ID =250 mA
Dynamic
Total Gate Charge
Qg
-
-
0.8
nC
VDS=15V, VGS=5V, ID=200mA
Turn-On Time
t(on)
-
-
20
nS
VDD=30V, RL=150Ω,
ID=200mA, VGEN=10V,
RG=10Ω 
Turn-Off Time
t(off)
-
-
40
Input Capacitance
Ciss
-
-
35
pF
VDS=25V, VGS=0, f=1MHz
Output Capacitance
Coss
-
-
10
Reverse Transfer Capacitance
Crss
-
-
5
Source-Drain Diode
Diode Forward Voltage
VSD
-
0.82
1.3
V
IS=200mA, VGS=0
Continuous Diode Forward Current
IS
-
-
300
mA
Pulse Diode Forward Current
ISM
-
-
2000
mA



Html Pages

1 2 3 4