| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
K72 Marking, 2N7002DW Datasheet(PDF) 3 Page - Diodes Incorporated |
|
||||||||||||||||||||||||||||||
2N7002DW Datasheet(HTML) 3 Page - Diodes Incorporated |
|
3 / 3 page ![]() DS30120 Rev. 8 - 2 3 of 3 2N7002DW www.diodes.com 0 0.2 0.4 0.6 0.8 1.0 0 1 2 3 4 5 V = 10V GS 9.0V 8.0V 7.0V 6.5V 6.0V 5.0V 4.5V 4.0V 3.5V 3.0V 2.5V 2.0/1.0V 5.5V 5.0V V , DRAIN-SOURCE VOLTAGE (V) DS Fig. 1 On-Region Characteristics 0 1 2 3 4 5 0 0.2 I , DRAIN CURRENT (A) D Fig. 2 On-Resistance vs Drain Current V = 5.0V GS T = 25 °C j V = 10V GS 6 7 0.4 0.6 0.8 1.0 0 0.5 1.0 1.5 2.0 -55 -30 -5 20 45 70 95 120 145 T , JUNCTION TEMPERATURE ( °C) j Fig. 3 On-Resistance vs Junction Temperature V GS = 10V, I = D 0.5A V = 5.0V, I = 0.05A GS D 0 V , GATE TO SOURCE VOLTAGE (V) GS Fig. 4 On-Resistance vs. Gate-Source Voltage I = 50mA D 1 2 3 4 5 6 0 2 4 6 8 10 12 14 16 18 I = 500mA D IMPORTANT NOTICE Diodes, Inc. and its subsidiaries reserve the right to make changes without further notice to any product herein to make corrections, modifications, enhance- ments, improvements, or other changes. Diodes, Inc. does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT The products located on our website at www.diodes.com are not recommended for use in life support systems where a failure or malfunction of the component may directly threaten life or cause injury without the express written approval of Diodes Incorporated. |