| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
K72 Marking, 2N7002DW Datasheet(PDF) 2 Page - Diodes Incorporated |
|
||||||||||||||||||||||||||||||
2N7002DW Datasheet(HTML) 2 Page - Diodes Incorporated |
|
2 / 3 page ![]() DS30120 Rev. 8 - 2 2 of 3 2N7002DW www.diodes.com Electrical Characteristics @ TA = 25 °C unless otherwise specified Characteristic Symbol Min Typ Max Unit Test Condition OFF CHARACTERISTICS (Note 3) Drain-Source Breakdown Voltage BVDSS 60 70 V VGS = 0V, ID = 10 µA Zero Gate Voltage Drain Current @ TC = 25°C @ TC = 125°C IDSS 1.0 500 µA VDS = 60V, VGS = 0V Gate-Body Leakage IGSS ±10 nA VGS = ±20V, VDS = 0V ON CHARACTERISTICS (Note 3) Gate Threshold Voltage VGS(th) 1.0 2.0 V VDS = VGS, ID = 250 µA Static Drain-Source On-Resistance @ Tj = 25°C @ Tj = 125°C RDS (ON) 3.2 4.4 7.5 13.5 Ω VGS = 5.0V, ID = 0.05A VGS = 10V, ID = 0.5A On-State Drain Current ID(ON) 0.5 1.0 A VGS = 10V, VDS = 7.5V Forward Transconductance gFS 80 mS VDS =10V, ID = 0.2A DYNAMIC CHARACTERISTICS Input Capacitance Ciss 22 50 pF VDS = 25V, VGS = 0V f = 1.0MHz Output Capacitance Coss 11 25 pF Reverse Transfer Capacitance Crss 2.0 5.0 pF SWITCHING CHARACTERISTICS Turn-On Delay Time tD(ON) 7.0 20 ns VDD = 30V, ID = 0.2A, RL = 150 Ω, VGEN = 10V, RGEN = 25 Ω Turn-Off Delay Time tD(OFF) 11 20 ns Ordering Information (Note 4) Device Packaging Shipping 2N7002DW-7-F SOT-363 3000/Tape & Reel Notes: 3. Short duration test pulse used to minimize self-heating effect. 4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. Marking Information K72 YM K72= Product Type Marking Code YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September Date Code Key Year 1998 1999 2000 2001 2002 2003 2004 2005 2006 2007 2008 2009 Code J K L M N P R S T U V W Month Jan Feb March Apr May Jun Jul Aug Sep Oct Nov Dec Code 1 2 3 4 5 6 7 8 9 O N D |