| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
K72 Marking, FTK7002T Datasheet(PDF) 2 Page - First Silicon Co., Ltd |
|
||||||||||||||||||||||||||||||
FTK7002T Datasheet(HTML) 2 Page - First Silicon Co., Ltd |
|
2 / 5 page ![]() 2017.5. 10 2/5 FTK7002T Revision No : 0 Electrical Characteristics (TJ=25℃) Parameter Symbol Test conditio ns M in T yp Max Unit Drain-Source Breakdown Vo ltage V(BR)DSS VGS=0 V, ID=250 µA 60 Gate-Threshold Voltage Vth(GS) VDS=VGS, ID=250 µA 1 2.5 V Gate-body Leakage lGSS VDS=0 V, VGS=±20 V ±80 nA Zero Gate Voltage Drain Current IDSS VDS=60 V, VGS=0 V 80 nA On-state Drain Current ID(ON) VGS=10 V, VDS=7 V 500 mA VGS=10 V, ID=500mA 5 Drain-Source On-Resistance RDS(on) VGS=5 V, ID=50mA 7 Ω Forward Trans conduct ance gfs VDS=10 V, ID=200mA 80 ms VGS=10V, ID=500mA 3.75 V Drain-source on-voltage VDS(on) VGS=5V, ID=50mA 0.375 V Diode Forward Voltage VSD IS=115mA, VGS=0 V 0.55 1.2 V Input Capacitance Ciss 50 Output Capacitance Coss 25 Reverse Transfer Capacita nce Crss VDS=25V, VGS=0V, f=1MHz 5 pF SWITCHING TIME Turn-on Time td(on) 20 Turn-off Time td(off) VDD=25 V, RL=50Ω ID=500mA,VGEN=10 V RG=25 Ω 40 ns |