| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
K72 Marking, FTK7002T Datasheet(PDF) 1 Page - First Silicon Co., Ltd |
|
||||||||||||||||||||||||||||||
FTK7002T Datasheet(HTML) 1 Page - First Silicon Co., Ltd |
|
1 / 5 page ![]() 2017. 05. 10 1/5 SEMICONDUCTOR TECHNICAL DATA FTK7002T Revision No : 0 MOSFET (N-Channel) FEATURE High density cell design for low RDS(ON) Voltage controlled small signal switch Rugged and reliable High saturation current capability MAXIMUM RATINGS (Ta=25℃ unless otherwise noted) SOT-523 1. GATE 2. SOURCE 3. DRAIN MARKING Equivalent Circuit APPLICATION Load Switch for Portable Devices DC/DC Converter V(BR)DSS RDS(on)MAX ID 60 V 5Ω@10V 115mA 7Ω@5V 1 2 3 K72 K72= Device Code Solid dot = Green molding compound device,if none, the normal device. t i n U e u l a V r e t e m a r a P l o b m y S VDSS V 0 6 e g a t l o V e c r u o S - n i a r D VDGR Drain-Gate Voltage (RGS ≤ 1.0 MΩ) 60 V VGSS Gate-Source Voltage ±20 s u o u n i t n o C V d e s l u P ID Drain Current 5 1 1 s u o u n i t n o C mA Continuous at 100℃ 73 0 0 8 d e s l u P TJ 0 5 1 e r u t a r e p m e T n o i t c n u J °C TSTG 0 5 1 + o t 5 5 - e g n a R e r u t a r e p m e T e g a r o t S °C ±40 |
Descripción similar - FTK7002T |