| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
K72 Marking, PJM7002KNSA Datasheet(PDF) 8 Page - Dongguan Pingjingsemi Technology Co., Ltd, |
|
||||||||||||||||||||||||||||||
PJM7002KNSA Datasheet(HTML) 8 Page - Dongguan Pingjingsemi Technology Co., Ltd, |
|
8 / 8 page ![]() PJM7002KNSA N-Enhancement Field Effect Transistor 8 / 8 The method of packaging SOT-23 (TO-236) 30,000 pcs per box 10 reels per box 120,000 pcs per carton 4 boxes per carton 3,000 pcs per reel 1 2 3 Embossed tape and reel data 1Pin N 4.0 4.0 G Symbol B Ø 54.5±0.2 C 12.3±0.3 D 9.6+2/-0.3 T1 1.0±0.2 T2 1.2±0.2 N 3.15±0.1 G 1.25±0.1 A Value (unit: mm) E F Ø 177.8±1 2.7±0.2 Ø 13.5±0.2 Reel (7'') Tape (8mm) 435 220 210 195 A B C E F T1 D T2 Cover Tape Carrier Tape Package Specifications www.pingjingsemi.com Revision:2.2 Feb-2019 |