| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
K72 Marking, 2N7002T Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd |
|
||||||||||||||||||||||||||||||
2N7002T Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd |
|
3 / 5 page ![]() 06 12 18 0 2 4 6 02 46 0.0 0.2 0.4 0.6 0.8 1.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1E-3 0.01 0.1 1 01 23 45 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0.0 0.2 0.4 0.6 0.8 1.0 0 1 2 3 I D=50mA I D=500mA I D R DS(ON) —— T a=25 ℃ Pulsed V GS R DS(ON) —— GATE TO SOURCE VOLTAGE V GS (V) T a=25 ℃ Pulsed T a=25 ℃ Pulsed Transfer Characteristics GATE TO SOURCE VOLTAGE V GS (V) 3E-3 2 T a=25 ℃ Pulsed 0.3 0.03 V SD I S —— SOURCE TO DRAIN VOLTAGE V SD (V) V GS=5V V GS=10V,9V,8V,7V,6V V GS=4V V GS=3V Output Characteristics DRAIN TO SOURCE VOLTAGE V DS (V) V GS=5V V GS=10V T a=25 ℃ Pulsed DRAIN CURRENT I D (A) Typical Characteristics 3 J,Sep,2016 |