Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Preview PDF HTML

K72 Marking, 2N7002T Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

No. de pieza 2N7002T
Descripción Electrónicos  SOT-523 Plastic-Encapsulate MOSFETS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TGS [Tiger Electronic Co.,Ltd]
Página de inicio  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

2N7002T Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  2N7002T Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 2N7002T Datasheet HTML 2Page - Tiger Electronic Co.,Ltd 2N7002T Datasheet HTML 3Page - Tiger Electronic Co.,Ltd 2N7002T Datasheet HTML 4Page - Tiger Electronic Co.,Ltd 2N7002T Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0 V, ID=250
µA
60
Gate-Threshold Voltage
Vth(GS)
VDS=VGS, ID=250
µA
1
2.5
V
Gate-body Leakage
lGSS
VDS=0 V, VGS=
±20 V
±80
nA
Zero Gate Voltage Drain Current
IDSS
VDS=60 V, VGS=0 V
80
nA
On-state Drain Current
ID(ON)
VGS=10 V, VDS=7 V
500
mA
VGS=10 V, ID=500
mA
5
Drain-Source On-Resistance
RDS(on)
VGS=5 V, ID=50
mA
7
Ω
Forward Trans conductance
gfs
VDS=10 V, ID=200
mA
80
ms
VGS=10V, ID=500
mA
3.75
V
Drain-source on-voltage
VDS(on)
VGS=5V, ID=50
mA
0.375
V
Diode Forward Voltage
VSD
IS=115mA, VGS=0 V
0.55
1.2
V
Input Capacitance
Ciss
50
Output Capacitance
Coss
25
Reverse Transfer Capacitance
Crss
VDS=25V, VGS=0V, f=1MHz
5
pF
SWITCHING TIME
Turn-on Time
td(on)
20
Turn-off Time
td(off)
VDD=25 V, RL=50Ω
ID=500mA,VGEN=10 V
RG=25 Ω
40
ns
MOSFET ELECTRICAL CHARACTERISTICS
a
T =25
℃ unless otherwise specified
2
J,Sep,2016



Html Pages

1 2 3 4 5