| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
K72 Marking, 2N7002KW Datasheet(PDF) 2 Page - SEC Electronics Inc. |
|
||||||||||||||||||||||||||||||
2N7002KW Datasheet(HTML) 2 Page - SEC Electronics Inc. |
|
2 / 4 page ![]() 2N7002KW 115mA , 60V, RDS(ON) 4 N-Ch Small Signal MOSFET with ESD Protection Elektronische Bauelemente 31-Mar-2011 Rev. A Page 2 of 4 http://www.SeCoSGmbH.com/ Any changes of specification will not be informed individually. N-CHANNEL ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified) Parameter Symbol Min. Typ. 2 Max. Unit Test Conditions Static Drain-Source Breakdown Voltage BVDSS 60 - - V VGS=0, ID=10μA Gate-Threshold Voltage VGS(th) 1 - 2.5 VDS= VGS, ID=250μA Drain-Source On-Resistance RDS(ON) - - 4 Ω VGS=4.5V, ID=200mA - - 3 VGS=10V, ID=500mA Zero Gate Voltage Drain Current IDSS - - 1 μA VDS=60V, VGS=0 Gate-Body Leakage Current IGSS - - ±10 μA VDS=0, VGS= ±20V Forward Transconductance gfs 100 - - mS VDS=15V, ID=250mA Dynamic Total Gate Charge Qg - - 0.8 nC VDS=15V, VGS=4.5V, ID=200mA Turn-On Time t(on) - - 20 nS VDD=30V, RL=150Ω, ID=200mA, VGEN=10V, RG=10Ω Turn-Off Time t(off - - 40 Input Capacitance Ciss - - 35 pF VDS=25V, VGS=0V, f=1MHz Output Capacitance Coss - - 10 Reverse Transfer Capacitance Crss - - 5 Source-Drain Diode Diode Forward Voltage VSD - 0.82 1.3 V IS=200mA, VGS=0V Continuous Diode Forward Current IS - - 115 mA Pulse Diode Forward Current ISM - - 800 mA |