Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCM69L735ZP7R Datasheet (PDF) - Motorola, Inc

MCM69L735ZP7R Datasheet PDF - Motorola, Inc
No. de pieza MCM69L735ZP7R
Descarga  MCM69L735ZP7R Descarga
Tamaño del archivo   182.53 Kbytes
Page   16 Pages
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Descripción Electrónicos 128K x 36 Bit Data Latch BurstRAM Synchronous Fast Static RAM

MCM69L735ZP7R Datasheet (PDF)

Go To PDF Page Descarga Datasheet
MCM69L735ZP7R Datasheet PDF - Motorola, Inc

No. de pieza MCM69L735ZP7R
Descarga  MCM69L735ZP7R Click to download

Tamaño del archivo   182.53 Kbytes
Page   16 Pages
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Descripción Electrónicos 128K x 36 Bit Data Latch BurstRAM Synchronous Fast Static RAM

MCM69L735ZP7R Datasheet (HTML) - Motorola, Inc


MCM69L735ZP7R Detalles de producto

128K x 36 Bit Data Latch BurstRAM™ Synchronous Fast Static RAM

The MCM69L735 is a 4M bit synchronous fast static RAM designed to provide a burstable, high performance, secondary cache for the PowerPC and other high performance microprocessors. It is organized as 128K words of 36 bits each. This device integrates input registers, a 2–bit address counter, and high speed SRAM onto a single monolithic circuit for reduced parts count in cache data RAM applications. Synchronous design allows precise cycle control with the use of an external clock (K).
The MCM69L735 operates from a 3.3 V core power supply and all outputs operate on a 3.3 V or 2.5 V power supply. All inputs and outputs are JEDEC standard JESD8–5 compatible.

• MCM69L735 Speed Options
• 3.3 V + 10%, – 5% Core Power Supply, Operates with a 3.3 V or 2.5 V I/O Supply
• ADSP, ADSC, and ADV Burst Control Pins
• Selectable Burst Sequencing Order (Linear/Interleaved)
• Single–Cycle Deselect Timing
• Internally Self–Timed Write Cycle
• Byte Write and Global Write Control
• PB1 Version 2.0 Compatible
• JEDEC Standard 119–Pin PBGA Package




Número de pieza similar - MCM69L735ZP7R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MCM69L736A MOTOROLA-MCM69L736A Datasheet
225Kb / 20P
4M Late Write HSTL
MCM69L736AZP10.5 MOTOROLA-MCM69L736AZP10.5 Datasheet
225Kb / 20P
4M Late Write HSTL
MCM69L736AZP10.5R MOTOROLA-MCM69L736AZP10.5R Datasheet
225Kb / 20P
4M Late Write HSTL
MCM69L736AZP7.5 MOTOROLA-MCM69L736AZP7.5 Datasheet
225Kb / 20P
4M Late Write HSTL
MCM69L736AZP7.5R MOTOROLA-MCM69L736AZP7.5R Datasheet
225Kb / 20P
4M Late Write HSTL
More results


Descripción similar - MCM69L735ZP7R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MCM63P636 MOTOROLA-MCM63P636 Datasheet
328Kb / 27P
64K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P733A MOTOROLA-MCM63P733A Datasheet
238Kb / 16P
128K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P736 MOTOROLA-MCM63P736 Datasheet
315Kb / 20P
128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69F735 MOTOROLA-MCM69F735 Datasheet
181Kb / 16P
128K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69P536C MOTOROLA-MCM69P536C Datasheet
210Kb / 12P
32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P735 MOTOROLA-MCM69P735 Datasheet
183Kb / 16P
128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P736 MOTOROLA-MCM69P736 Datasheet
180Kb / 16P
128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P737 MOTOROLA-MCM69P737 Datasheet
279Kb / 20P
128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69F737 MOTOROLA-MCM69F737 Datasheet
283Kb / 20P
128K x 36 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
More results




Acerca de Motorola, Inc


Motorola, Inc. era una compañía de telecomunicaciones multinacional estadounidense que fue fundada en 1928. Tenía su sede en Schaumburg, Illinois y fue uno de los mayores proveedores de teléfonos móviles, equipos de telecomunicaciones y semiconductores. A lo largo de su historia, Motorola fue conocida por su innovación en el campo de las telecomunicaciones, incluido el desarrollo del primer teléfono celular disponible comercialmente, el Dynatac y el primer buscapersonas de dos vías del mundo, el Pageboy.

En 2011, Motorola se dividió en dos compañías separadas: Motorola Mobility y Motorola Solutions. Google luego adquirió la movilidad de Motorola en Google en 2012, y ahora es una subsidiaria de Lenovo. Motorola Solutions se centra en la seguridad pública y las soluciones de comunicación comercial e industrial. La compañía proporciona una amplia gama de productos que incluyen radios bidireccionales, dispositivos de computación móvil y equipos de infraestructura de red.

Motorola fue uno de los pioneros de la industria de los teléfonos móviles y tiene una rica historia de innovación y avances tecnológicos. El legado de la compañía continúa a través de sus subsidiarias y sus tecnología y productos continúan utilizándose en todo el mundo.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com