Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PSMN2R5-40YLB Datasheet (PDF) - Nexperia B.V. All rights reserved

PSMN2R5-40YLB Datasheet PDF - Nexperia B.V. All rights reserved
No. de pieza PSMN2R5-40YLB
Descarga  PSMN2R5-40YLB Descarga
Tamaño del archivo   320.57 Kbytes
Page   13 Pages
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Descripción Electrónicos N-channel 40 V, 2.6 mOhm, 160 A logic level MOSFET

PSMN2R5-40YLB Datasheet (PDF)

Go To PDF Page Descarga Datasheet
PSMN2R5-40YLB Datasheet PDF - Nexperia B.V. All rights reserved

No. de pieza PSMN2R5-40YLB
Descarga  PSMN2R5-40YLB Click to download

Tamaño del archivo   320.57 Kbytes
Page   13 Pages
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Descripción Electrónicos N-channel 40 V, 2.6 mOhm, 160 A logic level MOSFET

PSMN2R5-40YLB Datasheet (HTML) - Nexperia B.V. All rights reserved


PSMN2R5-40YLB Detalles de producto

General description
160 A, logic level gate drive N-channel enhancement mode MOSFET in 175 °C LFPAK56 package,
using advanced TrenchMOS Superjunction technology with optimization to provide improved EMC
performance (up to 6 dB). This product has been designed and qualified for high performance
power switching applications.
Features and benefits
• Optimized for improved EMC Performance
• 160 A continuous ID(max) rating
• Avalanche rated, 100% tested at IAS = 150 A
• Strong SOA (linear-mode) rating
• NextPowerS3 technology delivers 'superfast switching with soft body-diode recovery'
• Low Qrr, QG and QGD for high system efficiency and low EMI designs
• Schottky-Plus body-diode with low VSD, low Qrr, soft recovery and low IDSS leakage
• Optimized for 4.5 V gate drive utilizing NextPowerS3 Superjunction technology
• High reliability LFPAK (Power SO8) package, with copper-clip and solder die attach, qualified to
175 °C
• Exposed leads can be wave soldered, visual solder joint inspection and high quality solder
joints providing excellent board level reliability
• Low parasitic inductance and resistance
Applications
• Automation, control and instrumentation
• Autonomous systems, Robotics and Cobots
• DC-to-DC converters
• Brushless DC motor control
• Brushed motors
• Battery isolation
• Industrial load-switch and eFuse
• Inrush management, hotswap




Número de pieza similar - PSMN2R5-40YLB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
PSMN2R5-40YLD NEXPERIA-PSMN2R5-40YLD Datasheet
309Kb / 13P
N-channel 40 V, 2.6 mΩ, 160 A logic level MOSFET in LFPAK56 using NextPower-S3 Schottky-Plus technology
27 August 2019
PSMN2R5-40YLD NEXPERIA-PSMN2R5-40YLD Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
PSMN2R5-40YLD NEXPERIA-PSMN2R5-40YLD Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
January 2020
More results


Descripción similar - PSMN2R5-40YLB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PSMN1R0-30YLC NXP-PSMN1R0-30YLC Datasheet
248Kb / 15P
N-channel 30 V 1.15 mOHM logic level MOSFET in LFPAK
Rev. 02-23 November 2010
logo
Nexperia B.V. All right...
BUK7S0R5-40H NEXPERIA-BUK7S0R5-40H Datasheet
323Kb / 13P
N-channel 40 V, 0.5 mOhm standard level MOSFET in LFPAK88
6 April 2021
BUK9K13-40H NEXPERIA-BUK9K13-40H Datasheet
311Kb / 12P
Dual N-channel 40 V, 13 mOhm logic level MOSFET in LFPAK56D
11 February 2021
BUK9V13-40H NEXPERIA-BUK9V13-40H Datasheet
310Kb / 13P
Dual N-channel 40 V, 13 mOhm logic level MOSFET in LFPAK56D (half-bridge configuration)
11 February 2021
PSMN014-40HLD NEXPERIA-PSMN014-40HLD Datasheet
287Kb / 12P
N-channel 40 V, 13.6 mOhm, logic level MOSFET in LFPAK56D using NextPowerS3 technology
26 September 2022
PSMN6R1-40HL NEXPERIA-PSMN6R1-40HL Datasheet
340Kb / 12P
N-channel 40 V, 7.2 mOhm, logic level MOSFET in LFPAK56D using TrenchMOS technology
30 September 2022
PSMN8R0-40HL NEXPERIA-PSMN8R0-40HL Datasheet
345Kb / 12P
N-channel 40 V, 9.4 mOhm, logic level MOSFET in LFPAK56D using TrenchMOS technology
30 September 2022
PSMN2R5-40YLD NEXPERIA-PSMN2R5-40YLD Datasheet
309Kb / 13P
N-channel 40 V, 2.6 mΩ, 160 A logic level MOSFET in LFPAK56 using NextPower-S3 Schottky-Plus technology
27 August 2019
PSMN2R5-60PL NEXPERIA-PSMN2R5-60PL Datasheet
731Kb / 13P
N-channel 60 V, 2.6 mΩ logic level MOSFET in SOT78
27 February 2013
PSMNR90-40YSN NEXPERIA-PSMNR90-40YSN Datasheet
231Kb / 10P
N-channel 40 V, 1 mOhm, standard level MOSFET in LFPAK56
18 April 2023
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com