| Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
 Kemet Corporation |
MPC0730LR20C
|
69Kb / 1P |
Power, MPC, 200 nH, 25%
|
 Molex Electronics Ltd. |
1728970002
|
53Kb / 1P |
MPC-to-Pigtail Cable Assembly, Panel Mount, Female, 0.5m Length, 17 Circuits
|
|
1728980002
|
47Kb / 1P |
MPC-to-Pigtail Cable Assembly, Disposable, Male, 1.0m Length, 17 Circuits
|
|
1728990002
|
45Kb / 1P |
MPC-to-Pigtail Cable Assembly, Overmolded Boot, Male, 1.0m Length, 17 Circuits
|
|
2021101710
|
35Kb / 2P |
MPC Receptacle, Panel Mount, with Latching Feature, 17 Circuits, IP50
|
|
2021121710
|
32Kb / 1P |
MPC Plug, 17 Circuits, Positive Latch, IP50
|
|
2021131730
|
31Kb / 1P |
MPC Plug, Disposable, Passive Latch, 17 Circuits, IP50
|
|
2024001710
|
35Kb / 2P |
MPC Shrouded In-Line Receptacle, with Latching Feature, 17 Circuits, IP50
|
 Lapp. |
55502460
|
121Kb / 2P |
SILVYN® MPC-M
03.07.2018 |
|
55502470
|
123Kb / 2P |
SILVYN® MPC
03.07.2018 |