| Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
 Molex Electronics Ltd. |
1728600810
|
35Kb / 2P |
MPC Receptacle, Panel Mount, with Latching Feature, 8 Circuits, IP50
|
|
1728700810
|
32Kb / 1P |
MPC Plug, Positive Latch, 8 Circuits, IP50
|
|
1728970002
|
53Kb / 1P |
MPC-to-Pigtail Cable Assembly, Panel Mount, Female, 0.5m Length, 17 Circuits
|
|
1728980002
|
47Kb / 1P |
MPC-to-Pigtail Cable Assembly, Disposable, Male, 1.0m Length, 17 Circuits
|
|
1732500810
|
31Kb / 1P |
MPC Plug, Disposable, Passive Latch, 8 Circuits, IP50
|
|
2021101710
|
35Kb / 2P |
MPC Receptacle, Panel Mount, with Latching Feature, 17 Circuits, IP50
|
|
2021121710
|
32Kb / 1P |
MPC Plug, 17 Circuits, Positive Latch, IP50
|
|
2024001710
|
35Kb / 2P |
MPC Shrouded In-Line Receptacle, with Latching Feature, 17 Circuits, IP50
|
|
2024050810
|
35Kb / 2P |
MPC Shrouded In-Line Receptacle, with Latching Feature, 8 Circuits, IP50
|
|
2030200810
|
32Kb / 2P |
MPC In-Line Receptacle, with Latching Feature, 8 Circuits, IP50
|