Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST-025BH Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ST-025BH_17 Datasheet

  • # Example questions: ➢ What is the peak reflow soldering temperature recommended in the document?
    ➢ What is the total duration of the vibration test, considering the time per axis and the number of axes?
    ➢ What percentage of lead terminals must be wetted with solder to pass the solderability test?

  • Part No.ST-025BH_17
    ManufacturerSOBERTON
    Size412 Kbytes
    Pages5 pages
    DescriptionTHIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
    Datasheet Summary with AI

    1. General Specifications:

    ️· Model: ST-025BH
    ️· Product: Electromagnetic Buzzer
    ️· Edition: A/2017

    2. Electrical Characteristics (Implied/Not Explicitly Listed): This document doesn’t explicitly list voltage/current requirements.

    3. Testing Conditions:

    ️· Standard Test Condition:
    - Temperature: +5 ~ +35 °C
    - Humidity: 45 ~ 85%
    - Pressure: 860 ~ 1060 mbar

    4. Reliability Tests:

    ️· Operating Temperature: Not explicitly listed.
    ️· Vibration Test:
    - Frequency: 10 Hz to 55 Hz to 10 Hz
    - Amplitude: 1.52 mm (9.3 G)
    - Duration: 2 hours per axis (X, Y, Z) – Total 6 hours
    ️· Drop Test:
    - Height: 75 cm
    - Surface: 40 mm thick wooden board
    - Repetitions: 3 times per axis (X, Y, Z) - Total 9 drops.
    ️· Solderability: Lead terminals immersed in rosin, then solder bath at +260 ± 5 °C for 3 ± 0.5 seconds.
    ️· Soldering Heat Resistance: Evaluated after reflow soldering.

    5. Mechanical Characteristics:

    ️· Solderability: 90% minimum of lead terminals must be wetted with solder.
    ️· Terminal Mechanical Strength: No damage or cutting off after force of 9.8N (1.0kg) applied for 10 seconds.

    6. Reflow Soldering Recommendations:

    ️· Reflow soldering should be performed *after* the product's heat has dissipated to a normal temperature.
    ️· Peak reflow temperature: 250 °C (maximum 10 seconds).
    ️· Duration between 220 °C and 250 °C: 40-60 seconds.

    7. Dimensions and Materials:

    ️· Dimensions: (Based on the scattered data, approximate values) 7.5 mm x (some value) mm.
    ️· Materials:
    - Case: LCP (Liquid Crystal Polymer) - Quantity: 1
    - Diaphragm: Ferrum (Iron/Steel) - Quantity: 1
    - Magnet Ring: NdFeB (Neodymium Iron Boron) - Quantity: 1
    - Coil: Copper - Quantity: 1
    - Core: Ferrum (Iron/Steel) - Quantity: 1

    8. Packaging:

    ️· 1 Reel: 2000 pieces
    ️· Inner Box: 340mm x 340mm x 40mm – Contains 1000 pieces
    ️· Carton Box: 350mm x 175mm x 355mm – Contains 5 Inner Boxes.

    Observations & Corrections:

    ️· Formatting Issues: The original text had significant formatting problems, especially in the tables. I've attempted to reconstruct the intended structure based on the content and labels.
    ️· Incomplete Electrical Specs: The document lacks critical electrical specifications (voltage, current, impedance, sound pressure level etc.).
    ️· Dimensions: Dimensions were scattered and hard to interpret. A clear dimensional drawing would be helpful.
    ️· Table Structure: Tables were frequently broken and text was often jumbled.
    ️· "Ferrum" as a Material: "Ferrum" is Latin for Iron. It's not a modern material specification, so it's a bit unusual. More specific iron/steel alloy designations would be better.

    1. General Specifications:

    ️· Model: ST-025BH
    ️· Product: Electromagnetic Buzzer
    ️· Edition: A/2017

    2. Electrical Characteristics (Implied/Not Explicitly Listed): This document doesn’t explicitly list voltage/current requirements.

    3. Testing Conditions:

    ️· Standard Test Condition:
    - Temperature: +5 ~ +35 °C
    - Humidity: 45 ~ 85%
    - Pressure: 860 ~ 1060 mbar

    4. Reliability Tests:

    ️· Operating Temperature: Not explicitly listed.
    ️· Vibration Test:
    - Frequency: 10 Hz to 55 Hz to 10 Hz
    - Amplitude: 1.52 mm (9.3 G)
    - Duration: 2 hours per axis (X, Y, Z) – Total 6 hours
    ️· Drop Test:
    - Height: 75 cm
    - Surface: 40 mm thick wooden board
    - Repetitions: 3 times per axis (X, Y, Z) - Total 9 drops.
    ️· Solderability: Lead terminals immersed in rosin, then solder bath at +260 ± 5 °C for 3 ± 0.5 seconds.
    ️· Soldering Heat Resistance: Evaluated after reflow soldering.

    5. Mechanical Characteristics:

    ️· Solderability: 90% minimum of lead terminals must be wetted with solder.
    ️· Terminal Mechanical Strength: No damage or cutting off after force of 9.8N (1.0kg) applied for 10 seconds.

    6. Reflow Soldering Recommendations:

    ️· Reflow soldering should be performed *after* the product's heat has dissipated to a normal temperature.
    ️· Peak reflow temperature: 250 °C (maximum 10 seconds).
    ️· Duration between 220 °C and 250 °C: 40-60 seconds.

    7. Dimensions and Materials:

    ️· Dimensions: (Based on the scattered data, approximate values) 7.5 mm x (some value) mm.
    ️· Materials:
    - Case: LCP (Liquid Crystal Polymer) - Quantity: 1
    - Diaphragm: Ferrum (Iron/Steel) - Quantity: 1
    - Magnet Ring: NdFeB (Neodymium Iron Boron) - Quantity: 1
    - Coil: Copper - Quantity: 1
    - Core: Ferrum (Iron/Steel) - Quantity: 1

    8. Packaging:

    ️· 1 Reel: 2000 pieces
    ️· Inner Box: 340mm x 340mm x 40mm – Contains 1000 pieces
    ️· Carton Box: 350mm x 175mm x 355mm – Contains 5 Inner Boxes.

    Observations & Corrections:

    ️· Formatting Issues: The original text had significant formatting problems, especially in the tables. I've attempted to reconstruct the intended structure based on the content and labels.
    ️· Incomplete Electrical Specs: The document lacks critical electrical specifications (voltage, current, impedance, sound pressure level etc.).
    ️· Dimensions: Dimensions were scattered and hard to interpret. A clear dimensional drawing would be helpful.
    ️· Table Structure: Tables were frequently broken and text was often jumbled.
    ️· "Ferrum" as a Material: "Ferrum" is Latin for Iron. It's not a modern material specification, so it's a bit unusual. More specific iron/steel alloy designations would be better.

    Part No.ST-025BH_17
    ManufacturerSOBERTON
    Size412 Kbytes
    Pages5 pages
    DescriptionTHIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER