Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • BAV19WS

  • AI
    ### BAV19WS: General-Purpose High Voltage Switching Diode The **BAV19WS** is a high-speed, high-voltage switching diode housed in a small Surface Mount Device (SMD) package (typically **SOD-323**). It is designed for high-speed switching applications and circuit protection. --- ### 1. Key Specifications Below are the typical electrical characteristics for the BAV19WS. | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | Repetitive Peak Reverse Voltage | $V_{RRM}$ | 120 | V | | Continuous Forward Current | $I_F$ | 200 | mA | | Forward Voltage Drop (at 100mA) | $V_F$ | < 1.0 | V | | Reverse Recovery Time | $t_{rr}$ | < 50 | ns | | Power Dissipation | $P_D$ | 200 | mW | | Operating Temperature | $T_j$ | -65 to +150 | °C | --- ### 2. Physical Characteristics & Pinout The BAV19WS is most commonly found in the **SOD-323** package, which is ideal for space-constrained PCB designs. * **Marking Code:** Usually identified by the code **"A8"**. * **Polarity:** A band on the body indicates the **Cathode** side. * **Pin 1:** Cathode (Negative) * **Pin 2:** Anode (Positive) --- ### 3. Application Areas Due to its high voltage rating and fast recovery time, the BAV19WS is utilized in several scenarios: 1. **High-Speed Switching:** Used in digital logic circuits where fast transitions are required. 2. **General Purpose Rectification:** Converting small AC signals to DC. 3. **Signal Conditioning:** Clipping or clamping signals to prevent voltage spikes from damaging sensitive components (like MCU pins). 4. **Reverse Polarity Protection:** Protecting low-power circuits from incorrectly inserted batteries or power supplies. --- ### 4. Circuit Example: Simple Clamping ```spice * Diode Clamping Example * Input signal is limited by the BAV19WS forward voltage IN ----[ 1k Resistor ]----+---- OUT | [BAV19WS] | GND ``` ---
    ✨ Follow-up Questions
    • What are the main differences between BAV19WS and BAV21WS?
    • Can I use BAV19WS for high-frequency RF rectification?
    • What is the importance of the reverse recovery time (trr) in this diode?