Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MS6309 Datasheet(PDF) 1 Page - MOSA ELECTRONICS

No. de pieza MS6309
Descripción Electrónicos  Low Cost 16-Bit Stereo Audio DAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOSA [MOSA ELECTRONICS]
Página de inicio  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6309 Datasheet(HTML) 1 Page - MOSA ELECTRONICS

  MS6309_10 Datasheet HTML 1Page - MOSA ELECTRONICS MS6309_10 Datasheet HTML 2Page - MOSA ELECTRONICS MS6309_10 Datasheet HTML 3Page - MOSA ELECTRONICS MS6309_10 Datasheet HTML 4Page - MOSA ELECTRONICS MS6309_10 Datasheet HTML 5Page - MOSA ELECTRONICS MS6309_10 Datasheet HTML 6Page - MOSA ELECTRONICS MS6309_10 Datasheet HTML 7Page - MOSA ELECTRONICS MS6309_10 Datasheet HTML 8Page - MOSA ELECTRONICS MS6309_10 Datasheet HTML 9Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MOSA
MS6309/10
Low Cost 16-Bit Stereo Audio DAC
REV3
1/9
www.mosanalog.com
Low Cost 16-Bit Stereo Audio DAC
FEATURES
Cost effective
Low distortion
No zero crossing distortion
Output voltage swing is proportional to supply voltage (VOPP=VDD/2)
Fast setting time permits 2*, 4*, and 8* oversampling (serial input) or double speed operation at 4* oversampling
Audio Format:I2S(MS6309)
Right Justified(MS6310)
Space saving package SOP8, MSOP8,DFN8.
APPLICATIONS
Multimedia system
MP3, PDA, Portable Digital Audio.
Set top box.
DESCRIPTION
The MS6309/10 is a voltage-output Digital-to-Analog Converter (DAC). The accuracy of the weight current
sources, combined with the unique symmetrical decoding method, preclude zero-crossing distortion and ensures high
quality audio reproduction. the initial registers of the DAC are 0000Hex, so the DAC output will be Vdd/2.
BLOCK DIAGRAM
RIGHT INPUT
LATCH
CONTROL
&
TIMING
BCK
WS
DATA
REFERENCE
SOURCE
1
2
3
5
4
VDD
GND
VREF
VREF
VOUT
LEFT
6
8
VOUT
RIGHT
OP1
OP2
VREF
DAC
RF
RF
LEFT INPUT
LATCH
DAC
Fig.1 Block diagram.


Número de pieza similar - MS6309_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MOSA ELECTRONICS
MS6309 MOSA-MS6309 Datasheet
1,007Kb / 9P
Low distortion
More results

Descripción similar - MS6309_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
UDA1330ATS PHILIPS-UDA1330ATS Datasheet
110Kb / 24P
Low-cost stereo filter DAC
2000 Apr 18
logo
List of Unclassifed Man...
MS6323 ETC-MS6323 Datasheet
281Kb / 8P
16-Bits Stereo Audio DAC
logo
MOSA ELECTRONICS
MS6310 MOSA-MS6310 Datasheet
185Kb / 6P
Low Cost 16-Bit Stereo Audio DAC
MS6331 MOSA-MS6331 Datasheet
227Kb / 7P
16-bit Stereo Audio DAC & Headphone Driver Component Less, Low Cost
logo
NXP Semiconductors
UDA1431T PHILIPS-UDA1431T Datasheet
96Kb / 17P
16-bit, 48 kHz, low-cost stereo current DAC
Rev. 04-30 May 2006
logo
Maxim Integrated Produc...
MAX5556 MAXIM-MAX5556_11 Datasheet
644Kb / 17P
Low-Cost Stereo Audio DAC
Rev 1; 2/11
logo
MOSA ELECTRONICS
MS6311 MOSA-MS6311_1 Datasheet
146Kb / 6P
16-Bits Stereo Audio DAC
MS6331 MOSA-MS6331_1 Datasheet
217Kb / 9P
16-bit Stereo Audio DAC & Headphone Driver Component Less, Low Cost
logo
ESS Technology,Inc
ES9038Q2M ESS-ES9038Q2M Datasheet
1Mb / 65P
32-Bit Stereo Low Power Audio DAC
July 17, 2019
ES9028Q2M ESS-ES9028Q2M Datasheet
1Mb / 45P
32-Bit Stereo Low Power Audio DAC
January 16, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com