| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PCF26100 Datasheet(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF26100 Datasheet(HTML) 9 Page - NXP Semiconductors |
|
9 / 28 page ![]() 2001 Jun 19 9 Philips Semiconductors Preliminary specification Bluetooth Adapter IC PCF26100 6.3 Timing The timing for the radio is generated in the PCF26100 using a minimal number of baseband signals. The channel programming is received from the JTAG serial interface. The SYNTH_ON signal is used to determine the start and end of the packet. The radio SLCCTR signals is also controlled with PX_ON. handbook, full pagewidth t17 t5 t6 t14 t10 t9 t7 t11 t12 t2 t6 t3 t5 t1 t1 t2 t10 t3 t13 t4 t12 t18 RX packet TX packet MGT756 t9 t8 R_DATA T_GFSK REF_CLK S_xxx S_EN JTAG PX_ON SYNTH_ON TX_DATA T_SW RSSI SLCCTR RX_DATA TX_CLK Fig.3 Detailed timing diagram. |