Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GWP9LR32.EM Datasheet(PDF) 1 Page - OSRAM GmbH

No. de pieza GWP9LR32.EM
Descripción Electrónicos  Directional retrofits
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OSRAM [OSRAM GmbH]
Página de inicio  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWP9LR32.EM Datasheet(HTML) 1 Page - OSRAM GmbH

  GWP9LR32.EM Datasheet HTML 1Page - OSRAM GmbH GWP9LR32.EM Datasheet HTML 2Page - OSRAM GmbH GWP9LR32.EM Datasheet HTML 3Page - OSRAM GmbH GWP9LR32.EM Datasheet HTML 4Page - OSRAM GmbH GWP9LR32.EM Datasheet HTML 5Page - OSRAM GmbH GWP9LR32.EM Datasheet HTML 6Page - OSRAM GmbH GWP9LR32.EM Datasheet HTML 7Page - OSRAM GmbH GWP9LR32.EM Datasheet HTML 8Page - OSRAM GmbH GWP9LR32.EM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2017-11-29
1
2017-11-29
DURIS S 8
Datasheet
Version 1.3
GW P9LR32.EM
A small light emitting surface of 4.6 mm diameter and
flux levels up to 600 lm make it the perfect choice for
retrofits, downlights and spotlights.
A small light emitting surface of 4.6 mm diameter and
flux levels up to 600 lm make it the perfect choice for
retrofits, downlights and spotlights.
Features:
Besondere Merkmale:
Package: white SMT package, colored diffused
silicone resin
Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Silikon-Verguss
Viewing angle at 50 % I
V: 120°
Abstrahlwinkel bei 50 % I
V: 120°
Color: 2700 K - 6500 K (white)
Farbe: 2700 K - 6500 K (weiß)
CRI: min. 80 ( typ. 82 )
CRI: min. 80 ( typ. 82 )
Luminous Flux: typ. 520 lm @ 3000 K
Lichtstrom: typ. 520 lm @ 3000 K
Luminous efficacy: typ. 138 lm/W @ 3000 K
Lichtausbeute: typ. 138 lm/W @ 3000 K
Lumen Maintenance: Testing according to IESNA
LM-80 in progress
Lichtstromerhaltung: Tests nach IESNA LM-80
im Gange
Applications
Anwendungen
Directional retrofits
Direktionale Retrofits
Downlights
Downlights
Omnidirectional retrofits
Omnidirektionale Retrofits
Spot lights
Spot-Leuchten


Número de pieza similar - GWP9LR32.EM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
GWP9LR32.CM OSRAM-GWP9LR32.CM Datasheet
1Mb / 24P
Directional retrofits
GWP9LR32.CM-NTNU-XX57-1 OSRAM-GWP9LR32.CM-NTNU-XX57-1 Datasheet
1Mb / 24P
Directional retrofits
GWP9LR32.CM-NTNU-XX58-1 OSRAM-GWP9LR32.CM-NTNU-XX58-1 Datasheet
1Mb / 24P
Directional retrofits
GWP9LR32.CM-NUPP-XX55-1 OSRAM-GWP9LR32.CM-NUPP-XX55-1 Datasheet
1Mb / 24P
Directional retrofits
GWP9LR32.CM-NUPP-XX56-1 OSRAM-GWP9LR32.CM-NUPP-XX56-1 Datasheet
1Mb / 24P
Directional retrofits
More results

Descripción similar - GWP9LR32.EM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
GWP9LR33.CM OSRAM-GWP9LR33.CM Datasheet
1Mb / 24P
Directional retrofits
GWP9LR31.EM OSRAM-GWP9LR31.EM Datasheet
2Mb / 24P
Directional retrofits
GWP9LT31.EM OSRAM-GWP9LT31.EM Datasheet
2Mb / 24P
Directional retrofits
GWP7LL31.EM OSRAM-GWP7LL31.EM Datasheet
1Mb / 24P
Directional retrofits
GWP7LM32.PM OSRAM-GWP7LM32.PM Datasheet
1Mb / 24P
Directional retrofits
GWP7LP32.PM OSRAM-GWP7LP32.PM Datasheet
3Mb / 24P
Directional retrofits
GWP9LT32.EM OSRAM-GWP9LT32.EM Datasheet
1Mb / 24P
Directional retrofits
GWP7LL32.EM OSRAM-GWP7LL32.EM Datasheet
1Mb / 24P
Directional retrofits
GWP9LR32.CM OSRAM-GWP9LR32.CM Datasheet
1Mb / 24P
Directional retrofits
GWP9LT32.CM OSRAM-GWP9LT32.CM Datasheet
1Mb / 24P
Directional retrofits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com