| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PE366 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc. |
|
|
|||||||||||||||||||||||||||||
PE366 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc. |
|
1 / 4 page ![]() 1 Configuration • Connector 1: SMA Male • Connector 2: SMA Male • Cable Type: PE-P160 .160 4.06 JACKET OUTER SHIELD MIDDLE SHIELD INNER SHIELD DIELECTRIC CENTER CONDUCTOR SECTION VIEW . Electrical Specifications Description Minimum Typical Maximum Units Frequency Range DC 26.5 GHz VSWR 1.35:1 Velocity of Propagation 78 % RF Shielding 90 dB Capacitance 26 [85.3] pF/ft [pF/m] Inductance 66 [216.54] uH/ft [uH/m] . Specifications by Frequency Description F1 F2 F3 F4 F5 Units Frequency 2.5 5 10 18 26.5 GHz Insertion Loss (Max.) 0.23 0.33 0.49 0.66 0.85 dB/ft 0.75 1.08 1.61 2.17 2.79 dB/m Insertion Loss (Typ.) 0.2 0.29 0.43 0.6 0.75 dB/ft 0.66 0.95 1.41 1.97 2.46 dB/m . Electrical Specification Notes: Insertion Loss does not include the loss of the connectors. Insertion Loss is estimated as .03 x square root (FGHz) dB per connector. Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications: SMA Male to SMA Male Test Cable Using PE-P160 Coax, RoHS PE366 PE366 REV 1.1 SMA Male to SMA Male Test Cable Using PE-P160 Coax, RoHS RF Cable Assemblies Technical Data Sheet PE366 |
Número de pieza similar - PE366 |
|
Descripción similar - PE366 |