| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DS3142 Datasheet(PDF) 21 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS3142 Datasheet(HTML) 21 Page - Dallas Semiconductor |
|
21 / 88 page ![]() DS3141/DS3142/DS3143/DS3144 Single/Dual/Triple/Quad DS3/E3 Framers 21 of 88 Table 7-B. BERT/Loopback Interaction—Overhead Bits CONFIGURATION BITS BITS AT OVERHEAD BIT POSITIONS DLB LLB PLB BM [1:0] From RPOS/RNEG To: From TDAT To: From Formatter To: From BERT To: 0 0 0 00 Framer and RDAT Not used (Note 1) TPOS/TNEG Not generated 0 0 0 01 Framer, RDAT and BERT Not used Not used TPOS, TNEG 0 0 0 10 Framer and RDAT Not used (Note 1) TPOS/TNEG Not generated 0 0 0 11 Framer BERT (Note 2) TPOS/TNEG RDAT 1 0 0 00 Not used Not used (Note 1) TPOS/TNEG, Framer, and RDAT Not generated 1 0 0 01 Not used Not used Not used TPOS/TNEG, Framer, BERT, and RDAT 1 0 0 10 Not used Not used (Note 1) TPOS/TNEG, Framer, and RDAT Not generated 1 0 0 11 Not used BERT (Note 2) TPOS/TNEG and Framer RDAT 0 1 0 00 TPOS/TNEG, Framer, and RDAT Not used Not used Not generated 0 1 0 01 TPOS/TNEG, Framer, RDAT, and BERT Not used Not used Not used 0 1 0 10 TPOS/TNEG, Framer, and RDAT Not used Not used Not generated 0 1 0 11 TPOS/TNEG and Framer BERT (Note 2) Not used RDAT 0 0 1 00 Framer and RDAT Not used (Note 1) TPOS/TNEG Not generated 0 0 1 01 Framer, RDAT, and BERT Not used Not used TPOS/TNEG 0 0 1 10 Framer and RDAT Not used (Note 1) TPOS/TNEG Not generated 0 0 1 11 Framer BERT (Note 2) TPOS/TNEG RDAT Note 1: In M23 mode or E3 mode, the transmit formatter sources the C bits from the appropriate bit positions of the TDAT data stream. Note 2: When BM[1:0] = 11, the BERT expects a full-bandwidth (payload plus overhead) pattern to come in on the TDAT pin. In M23 mode or E3 mode with BM[1:0] = 11, the transmit formatter sources the C bits from the appropriate bit positions of the TDAT data stream, even though those bit positions are actually part of the full-bandwidth BERT pattern. |