| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DP8483M Datasheet(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP8483M Datasheet(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 6 page ![]() TLF5864 April 1990 DP8483 TTL to 100k ECL Level Translator with Latch General Description This circuit translates TTL input levels to ECL output levels and provides a fall-through latch The outputs are gated with CS providing for wire ORing of outputs The strobe and chip select inputs operate at ECL levels Features Y 16-pin DIP or SO Y ECL control inputs Y CS provided for wire ORing of output bus Y 100k ECL IO compatible Y 30 ns typical propagation delay Logic and Connection Diagram Dual-In-Line Package TLF5864 – 1 Top View Truth Table DQ STR CS HL L H LH L H XQ HH XL X L Hehigh level (most positive) Lelow level (most negative) Xedon’t care Order Number DP8483J DP8483M or DP8483N See NS Package Number J16A M16B or N16A C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Número de pieza similar - DP8483M |
|
Descripción similar - DP8483M |