| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD9925BBCZRL Datasheet(PDF) 92 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9925BBCZRL Datasheet(HTML) 92 Page - Analog Devices |
|
92 / 96 page ![]() AD9925 Rev. A | Page 92 of 96 Table 89. XV7 and XV8 Vertical Sequence 5 Registers Address Data Bit Content Default Value Register Name Register Description 64 [0] [11:1] [23:12] X X X HOLD_5 UNUSED XV78START_5 0: Vertical Masking Operation, 1: Hold Area instead of Vertical Masking Unused Start Position for XV7 and XV8 65 [11:0] [23:12] X X XV78REPO_5 XV78REPE_5 Number of Selected XV7, XV8 Repetitions for Odd Lines Number of Selected XV7, XV8 Repetitions for Even Lines 66 [0] [23:1] X X XV78HOLDEN_5 UNUSED 0: No Hold Area for XV7 and XV8, 1: Enable Hold Area for XV7 and XV8 Unused 67 [23:0] X UNUSED Unused Table 90. XV7 and XV8 Vertical Sequence 6 Registers Address Data Bit Content Default Value Register Name Register Description 68 [0] [11:1] [23:12] X X X HOLD_6 UNUSED XV78START_6 0: Vertical Masking Operation, 1: Hold Area instead of Vertical Masking Unused Start Position for XV7 and XV8 69 [11:0] [23:12] X X XV78REPO_6 XV78REPE_6 Number of Selected XV7, XV8 Repetitions for Odd Lines Number of Selected XV7, XV8 Repetitions for Even Lines 6A [0] [23:1] X X XV78HOLDEN_6 UNUSED 0: No Hold Area for XV7 and XV8, 1: Enable Hold Area for XV7 and XV8 Unused 6B [23:0] X UNUSED Unused Table 91. XV7 and XV8 Vertical Sequence 7 Registers Address Data Bit Content Default Value Register Name Register Description 6C [0] [11:1] [23:12] X X X HOLD_7 UNUSED XV78START_7 0: Vertical Masking Operation, 1: Hold Area instead of Vertical Masking Unused Start Position for XV7 and XV8 6D [11:0] [23:12] X X XV78REPO_7 XV78REPE_7 Number of Selected XV7, XV8 Repetitions for Odd Lines Number of Selected XV7, XV8 Repetitions for Even Lines 6E [0] [23:1] X X XV78HOLDEN_7 UNUSED 0: No Hold Area for XV7 and XV8, 1: Enable Hold Area for XV7 and XV8 Unused 6F [23:0] X UNUSED Unused Table 92. XV7 and XV8 Vertical Sequence 8 Registers Address Data Bit Content Default Value Register Name Register Description 70 [0] [11:1] [23:12] X X X HOLD_8 UNUSED XV78START_8 0: Vertical Masking Operation, 1: Hold Area instead of Vertical Masking Unused Start Position for XV7 and XV8 71 [11:0] [23:12] X X XV78REPO_8 XV78REPE_8 Number of Selected XV7, XV8 Repetitions for Odd Lines Number of Selected XV7, XV8 Repetitions for Even Lines 72 [0] [23:1] X X XV78HOLDEN_8 UNUSED 0: No Hold Area for XV7 and XV8, 1: Enable Hold Area for XV7 and XV8 Unused 73 [23:0] X UNUSED Unused |